Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H102JA01D Datasheet(PDF) 11 Page - Integrated Device Technology

Part # GRM1555C1H102JA01D
Description  DPD Demodulator for PA Linearization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H102JA01D Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button GRM1555C1H102JA01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 13Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 14Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DPD Demodulator for PA Linearization
550MHz to 1150MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
11
Rev4 January 2014
F1300
DATASHEET
IDTF1320NBGI
Datasheet
ARY DATASHEET
TOCS [Fixed IF] (-1-)
GAIN vs. TCASE [Low Side Injection]
GAIN vs. VCC [Low Side Injection]
GAIN vs. LO level [Low Side Injection]
GAIN vs. TCASE [High Side Injection]
GAIN vs. VCC [High Side Injection]
GAIN vs. LO level [High Side Injection]
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
-40degC / 5.00V / 0dBm / IF_I
-40degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
100degC / 5.00V / 0dBm / IF_I
100degC / 5.00V / 0dBm / IF_Q
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.25V / 0dBm / IF_I
25degC / 5.25V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 4.75V / 0dBm / IF_I
25degC / 4.75V / 0dBm / IF_Q
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.00V / 3dBm / IF_I
25degC / 5.00V / 3dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / -3dBm / IF_I
25degC / 5.00V / -3dBm / IF_Q
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
-40degC / 5.00V / 0dBm / IF_I
-40degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
100degC / 5.00V / 0dBm / IF_I
100degC / 5.00V / 0dBm / IF_Q
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.25V / 0dBm / IF_I
25degC / 5.25V / 0dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 4.75V / 0dBm / IF_I
25degC / 4.75V / 0dBm / IF_Q
5
6
7
8
9
10
11
12
13
14
15
16
17
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
RF Frequency (GHz)
25degC / 5.00V / 3dBm / IF_I
25degC / 5.00V / 3dBm / IF_Q
25degC / 5.00V / 0dBm / IF_I
25degC / 5.00V / 0dBm / IF_Q
25degC / 5.00V / -3dBm / IF_I
25degC / 5.00V / -3dBm / IF_Q


Similar Part No. - GRM1555C1H102JA01D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
GRM1555C1H102JA01D MICROCHIP-GRM1555C1H102JA01D Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
logo
Renesas Technology Corp
GRM1555C1H102JA01D RENESAS-GRM1555C1H102JA01D Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
Murata Manufacturing Co...
GRM1555C1H102JA01D MURATA-GRM1555C1H102JA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
logo
Renesas Technology Corp
GRM1555C1H102JA01D RENESAS-GRM1555C1H102JA01D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
logo
Integrated Device Techn...
GRM1555C1H102JA01D IDT-GRM1555C1H102JA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - GRM1555C1H102JA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com