Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R61A104KA01D Datasheet(PDF) 6 Page - Integrated Device Technology

Part # GRM155R61A104KA01D
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R61A104KA01D Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button GRM155R61A104KA01D Datasheet HTML 2Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 3Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 4Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 5Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 6Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 7Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 8Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 9Page - Integrated Device Technology GRM155R61A104KA01D Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 6 of 13
April, 2011
DATASHEET
TOCS CONTINUED
DNL vs. Frequency (1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
30 MHz
50 MHz
80 MHz
100 MHz
120 MHz
DNL vs. Temperature (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Temperature (100 MHz, 0.25dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Voltage (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
DNL vs. Temperature (100 MHz, 0.5dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
INL vs. Frequency
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
100 MHz
120 MHz


Similar Part No. - GRM155R61A104KA01D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
GRM155R61A104KA01D NXP-GRM155R61A104KA01D Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
Texas Instruments
GRM155R61A104KA01D TI-GRM155R61A104KA01D Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
logo
Murata Manufacturing Co...
GRM155R61A104KA01D MURATA1-GRM155R61A104KA01D Datasheet
554Kb / 4P
   Ceramic Capacitors(SMD)
11/07/2022
logo
Silicon Laboratories
GRM155R61A104KA01D SILABS-GRM155R61A104KA01D Datasheet
3Mb / 82P
   RS9116 n-Link™ and WiSeConnect™ Wi-Fi® and Dual-Mode Bluetooth® 5 Wireless Connectivity B00 Module Solution
Rev 1.0.9
More results

Similar Description - GRM155R61A104KA01D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com