Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H102JA01D Datasheet(PDF) 2 Page - Integrated Device Technology

Part # GRM1555C1H102JA01D
Description  DPD Demodulator for PA Linearization
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H102JA01D Datasheet(HTML) 2 Page - Integrated Device Technology

  GRM1555C1H102JA01D Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H102JA01D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
2
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
SW_Latch, DATA, CSb, CLK
0V to 3.6V
STBY
0V to VCC
IF_I+, IF_I-, IF_Q+, IF_Q-
1V to (Vcc + 0.3V)
LO_IN
-0.3V to +0.3V
RF_INX, RF_INY
-0.3V to +0.3V
IF_BiasI, IF_BiasQ to GND
-0.3V to +1.2V
LO_ADJ to GND
2.1V to 4.0V
RF Input Power (Into RFIN_X or RFIN_Y)
+27 dBm
Continuous Power Dissipation
2.5W
θJA (Junction – Ambient)
+40°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +105°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Moisture Sensitivity Level
1
1
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD Caution
This product features proprietary protection circuitry. However, it may be damaged if
subjected to high energy ESD. Please use proper ESD precautions when handling to
avoid damage or loss of performance.


Similar Part No. - GRM1555C1H102JA01D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
GRM1555C1H102JA01D MICROCHIP-GRM1555C1H102JA01D Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
logo
Renesas Technology Corp
GRM1555C1H102JA01D RENESAS-GRM1555C1H102JA01D Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
logo
Murata Manufacturing Co...
GRM1555C1H102JA01D MURATA-GRM1555C1H102JA01D Datasheet
3Mb / 220P
   Chip Monolithic Ceramic Capacitors
logo
Renesas Technology Corp
GRM1555C1H102JA01D RENESAS-GRM1555C1H102JA01D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
logo
Integrated Device Techn...
GRM1555C1H102JA01D IDT-GRM1555C1H102JA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - GRM1555C1H102JA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com