Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

961102-6404-AR Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 961102-6404-AR
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961102-6404-AR Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 961102-6404-AR Datasheet HTML 3Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 4Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 5Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 6Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 9Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 10Page - Integrated Device Technology 961102-6404-AR Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 7 of 13
April, 2011
DATASHEET
TOCS CONTINUED
INL vs. Temperature (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
Noise Figure vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
150 MHz
100 MHz
Noise Figure vs. Temperature (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
-40C
85C
25C
INL vs. Voltage (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
Noise Figure vs. Voltage (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
5.25V
4.75V
5.00V
Output P1dB vs. Voltage
14
15
16
17
18
19
20
21
22
23
24
80 MHz
100 MHz
120 MHz
Frequency (MHz)
5.25V
4.75V
5.00V


Similar Part No. - 961102-6404-AR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
961102-6404-AR TI1-961102-6404-AR Datasheet
574Kb / 13P
[Old version datasheet]   DRV411EVM Users Guide
logo
Renesas Technology Corp
961102-6404-AR RENESAS-961102-6404-AR Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
Integrated Device Techn...
961102-6404-AR IDT-961102-6404-AR Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
961102-6404-AR RENESAS-961102-6404-AR Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Integrated Device Techn...
961102-6404-AR IDT-961102-6404-AR Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - 961102-6404-AR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com