Electronic Components Datasheet Search |
|
GRM1555C1H390JZ010 Datasheet(PDF) 3 Page - Integrated Device Technology |
|
GRM1555C1H390JZ010 Datasheet(HTML) 3 Page - Integrated Device Technology |
3 / 25 page DPD Demodulator for PA Linearization 1300MHz to 2900MHz IDT Zero-Distortion TM, Glitch-FreeTM DPD Receiver 3 Rev4, January 2014 PRELIMINARY DATASHEET IDTF1370NBGI Datasheet IDTF1370 SPECIFICATION Specifications apply at VCC = +5.0V, TC = 25C, FRF = 2100 MHz, FLO = 2300 MHz, Gain = GMAX, PLO = 0 dBm, TC= +25°C, STBY = GND unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF input trace losses de-embedded. Parameter Comment Symbol min typ max units Logic Input High For STBY, DATA, CSb, CLK, SW_Latch VIH 2.3 V Logic Input Low For STBY, DATA, CSb, CLK, SW_Latch VIL 0.5 V Logic Current VH = 2.3V, VL = 0V IIH, IIL -120 +100 μA Supply Voltage(s) All VCC (operating range) VCC 4.75 to 5.25 V Temperature Range Operating Range TCASE -40 +105 degC Supply Current Total VCC ISUPP 275 325 mA Supply Current Standby Mode: STBY > V IH ISTBY 30 40 mA RF Freq Range Sets LO freq range FRF 1450 2700 MHz IF center Freq Range Sets LO freq range FIF 100 300 MHz Oversample RF Range Measure Gain at I&Q Gain setting = G MAX F LO = 1800 MHz, 2920 MHz Gain Delta < 2.5 dB FRFD 1300 2900 MHz Oversample IF Range Measure Gain at I&Q Gain setting = G MAX F LO = 1800 MHz, 2920 MHz Gain Delta < 2.5 dB FIFD 20 500 MHz IF Linearity BW RF Freq = 2100 MHz IP3O > +38 dBm From RF_INX to I+,I- & Q+,Q- Pin = -11 dBm/Tone; Gain setting = G MAX IFLIN 100 300 MHz RF Linearity BW IF Freq = 200 MHz IP3O > +39 dBm From RF_INX to I+,I- & Q+,Q- Pin = -11 dBm/Tone Gain setting = G MAX RFLIN 1600 2700 MHz LO Freq Range Operating Range FLO 1400 2900 MHz LO Power PLO -3 to +3 dBm RF Input Impedance Single Ended (RL > 10 dB) ZRF 50 Ω IF Output Impedance Differential (RL > 10 dB) ZIF 200 Ω LO port Impedance Single Ended (RL > 10 dB) ZLO 50 Ω Gain maximum From RF_INX to I+,I- & Q+,Q- Gain setting = G MAX Pin = -11 dBm GMAX 10.8 1 12.5 13.8 dB Gain maximum Low Side Injection From RF_INX to I+,I- & Q+,Q- Gain setting = G MAX Pin = -11 dBm RF = 2000MHz LO = 1800MHz GMAX_LSLO 12.7 dB Gain minimum From RF_INX to I+,I- & Q+,Q- Gain setting = G MIN Pin = +14 dBm GMIN -13.5 -12.8 -12 dB |
Similar Part No. - GRM1555C1H390JZ010 |
|
Similar Description - GRM1555C1H390JZ010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |