Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q01B005M Datasheet(PDF) 2 Page - Integrated Device Technology

Part # Q01B005M
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

Q01B005M Datasheet(HTML) 2 Page - Integrated Device Technology

  Q01B005M Datasheet HTML 1Page - Integrated Device Technology Q01B005M Datasheet HTML 2Page - Integrated Device Technology Q01B005M Datasheet HTML 3Page - Integrated Device Technology Q01B005M Datasheet HTML 4Page - Integrated Device Technology Q01B005M Datasheet HTML 5Page - Integrated Device Technology Q01B005M Datasheet HTML 6Page - Integrated Device Technology Q01B005M Datasheet HTML 7Page - Integrated Device Technology Q01B005M Datasheet HTML 8Page - Integrated Device Technology Q01B005M Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 2 of 13
April, 2011
DATASHEET
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
All other Pins to GND
-0.3V to (VCC +0.25V)
ISET to GND
-0.3V to +2.2V
RF Input Power (ATTN_IN+, ATTN_IN-) @GMAX
+10 dBm
Continuous Power Dissipation
1.5W
θJA (Junction – Ambient)
+41°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+4°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +85°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s) .
+260°C
KEY FEATURE – NOISE FIGURE SLOPE
Standard Variable Gain amplifiers exhibit a [NF/Gain] slope of -1 dB/dB. Practically speaking, as gain is
reduced, Noise Figure degrades dB for dB. The F1200 utilizes new technology that flattens the Noise Figure
response (~ -0.16 dB/dB) for most of the gain control range while keeping distortion (Output IP3) constant.
The result is that NF is improved up to 16 dB vs. a standard VGA at low gain settings. The graph below
illustrates this by showing the IDTF1200 NF and IP3O vs. Gain setting contours.
0
5
10
15
20
25
30
35
40
45
50
-2
0
2
4
6
8
10
12
14
16
18
20
22
Gain (dB)
Output IP3
Noise Figure


Similar Part No. - Q01B005M

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
Q01 XPPOWER-Q01 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Powerbox
Q01-12 POWERBOX-Q01-12 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q01-24 POWERBOX-Q01-24 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
Q01-5 POWERBOX-Q01-5 Datasheet
1Mb / 3P
   0.5 WATTS - 100 - 10KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
Q015 XPPOWER-Q015 Datasheet
1Mb / 14P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
More results

Similar Description - Q01B005M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com