Selected language     English  ā–¼


Q01B005M Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. Q01B005M
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

 
 4 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 4 of 13
April, 2011
DATASHEET
TYPICAL OPERATING PARAMETRIC CURVES (G
MAX, 5.00V, 25C, POUT +3 dBm, 100MHz unless otherwise noted)
Gain vs. Temperature
0
5
10
15
20
25
0
50
100
150
200
250
300
Frequency (MHz)
-40C
25C
85C
S11 vs. Temperature
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
300
Frequency (MHz)
-40C
25C
85C
S12 vs. Temperature
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
300
Frequency (MHz)
-40C
25C
85C
Gain vs. Voltage
0
5
10
15
20
25
0
50
100
150
200
250
300
Frequency (MHz)
4.75V
5.00V
5.25V
S22 vs. Temperature
-50
-40
-30
-20
-10
0
0
50
100
150
200
250
300
Frequency (MHz)
-40C
25C
85C
Gain and NF vs. Frequency (measured w/NF meter)
0
2
4
6
8
10
12
14
16
18
20
22
24
30
50
70
90
110
130
150
170
Frequency (MHz)
Gain
Noise Figure




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl