Selected language     English  ā–¼


Q01B005M Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. Q01B005M
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

 6 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 6 of 13
April, 2011
DATASHEET
TOCS CONTINUED
DNL vs. Frequency (1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
30 MHz
50 MHz
80 MHz
100 MHz
120 MHz
DNL vs. Temperature (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Temperature (100 MHz, 0.25dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
DNL vs. Voltage (100 MHz, 1dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
DNL vs. Temperature (100 MHz, 0.5dB Steps)
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
INL vs. Frequency
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
100 MHz
120 MHz




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl