Electronic Components Datasheet Search
Selected language     English  ā–¼


Q01B005M Datasheet(PDF) 7 Page - Integrated Device Technology

Part No. Q01B005M
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

 7 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 7 of 13
April, 2011
DATASHEET
TOCS CONTINUED
INL vs. Temperature (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
85C
25C
-40C
Noise Figure vs. Frequency
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
50 MHz
150 MHz
100 MHz
Noise Figure vs. Temperature (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
-40C
85C
25C
INL vs. Voltage (100 MHz)
-0.40
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
0.40
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
4.75V
5.00V
5.25V
Noise Figure vs. Voltage (100 MHz)
0
2
4
6
8
10
12
14
16
18
20
-1
1
3
5
7
9
11
13
15
17
19
21
Gain Setting (dB)
5.25V
4.75V
5.00V
Output P1dB vs. Voltage
14
15
16
17
18
19
20
21
22
23
24
80 MHz
100 MHz
120 MHz
Frequency (MHz)
5.25V
4.75V
5.00V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl