Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF2702X Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ERJ-2RKF2702X
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF2702X Datasheet(HTML) 2 Page - Integrated Device Technology

  ERJ-2RKF2702X Datasheet HTML 1Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF2702X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
2
Rev 3, April 2015
IDTF0480NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VCC to GND
VCC
-0.3
+5.5
V
SPI DATA, SPI CSb, SPI CLK, LogicCTL
VdiD
-0.3
+3.6
V
STBY, Band_Select
VCntl
-0.3
Vcc + 0.25
V
R_Bias1
IR1
+1.5
mA
R_Bias2
IR1
+0.8
mA
RFIN externally applied DC voltage
VRFin
+1.4
+3.6
V
RFOUT externally applied DC voltage
VRFout
Vcc - 0.15
Vcc + 0.15
V
RF Input Power (RFIN) applied for 24
hours maximum
Pin
+22
dBm
Continuous Power Dissipation
Pdiss
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tst
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
ElectroStatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
Class 2
(2000 V)
ElectroStatic Discharge – CDM
(JEDEC 22-C101F)
Class C2
(500 V)
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
40 °C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
4 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1


Similar Part No. - ERJ-2RKF2702X

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ERJ-2RKF2702X RENESAS-ERJ-2RKF2702X Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - ERJ-2RKF2702X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com