Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1200 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # F1200
Description  Intermediate Frequency Digital Variable Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1200 Datasheet(HTML) 1 Page - Integrated Device Technology

  F1200 Datasheet HTML 1Page - Integrated Device Technology F1200 Datasheet HTML 2Page - Integrated Device Technology F1200 Datasheet HTML 3Page - Integrated Device Technology F1200 Datasheet HTML 4Page - Integrated Device Technology F1200 Datasheet HTML 5Page - Integrated Device Technology F1200 Datasheet HTML 6Page - Integrated Device Technology F1200 Datasheet HTML 7Page - Integrated Device Technology F1200 Datasheet HTML 8Page - Integrated Device Technology F1200 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Intermediate Frequency Digital Variable Gain Amplifier
IDTF1200
RevO
Page 1 of 13
April, 2011
DATASHEET
GENERAL DESCRIPTION
The IDTF1200 is a Digitally Controlled Intermediate
Frequency Differential Variable Gain Amplifier for
BaseStation and other commercial applications with a
low IF frequency. The device offers extremely low
Noise Figure over the entire gain control range. The
device is packaged in compact 5x5 Thin QFNs with 200
ohm differential input and output impedances for ease
of integration into the receiver lineup. Versions
covering IF frequencies up to 300 MHz with low
distortion are available.
COMPETITIVE ADVANTAGE
The F1200 acts to enhance system SNR when VGA gain
is reduced. The F1200 noise figure (NF) degrades only
slightly (NF slope ~ -0.16 dB/dB) over a 13 dB control
range while holding the Output IP3 approximately
constant. The resultant improvement in noise can
enhance the system SNR up to 2 decibels at low gain
settings relative to a standard VGA.
The device has excellent DNL and INL simplifying digital
compensation. The device also offers the extremely low
Harmonic, IM2, and IM3 distortion necessary to drive an
ADC directly in an IF sub-sampling application.
APPLICATIONS
BaseStation Diversity Receivers
Digital Pre-Distortion
Wave Point-to-Point Radios
Public Safety Receivers
PART# MATRIX
Part#
Gain
Range
IP3O
IF freq
range
NF
F1200
22 to -1
48
50 - 160
2.6
F1206*
20 to -11
47
150 - 250
3.6
F1207*
20 to -11
46
230 - 300
3.7
*Future Product
FEATURES
Ideal for high SNR systems
22 dB typ Maximum Gain
23 dB gain control range
7 bit parallel control
0.25 dB Gain Steps
Excellent N
No
oiisse
e FFiig
gu
urre
e <
< 3
3..0
0 d
dB
B
5mm x 5mm 28 pin package
200 Ω Differential Input
200 Ω Differential Output
N
NFF d
de
eg
grra
ad
de
ess <
< 2
2d
dB
B @
@ 1
12
2d
dB
B rre
ed
du
ucce
ed
d g
ga
aiin
n
50 MHz – 160 MHz frequency range
Ultra-Linear: IIP
P3
3OO +
+4
48
8 d
dB
Bm
m ttyyp
piicca
all
External current setting resistor
Fast Gain Step Settling < 20 nsec
DEVICE BLOCK DIAGRAM
`
`
Decode
Logic
VCC
ATTN
In
AMP
out
Bias
Control
Gain
Control
VCC
ATTN
Out
AMP
In
ISET
VMODE
7
STBY
ORDERING INFORMATION
IDTF1200NBGI8
0.75 mm height
package
Green Industrial
Temp range
Tape &
Reel
Omit IDT
prefix
RF product Line


Similar Part No. - F1200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1200 RENESAS-F1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Diotec Semiconductor
F1200A DIOTEC-F1200A Datasheet
84Kb / 2P
   Fast Silicon Rectifiers
F1200A DIOTEC-F1200A Datasheet
93Kb / 2P
   Superfast Silicon-Rectifiers
logo
EIC discrete Semiconduc...
F1200A EIC-F1200A Datasheet
110Kb / 2P
   FAST RECOVERY
logo
Semikron International
F1200A SEMIKRON-F1200A Datasheet
345Kb / 2P
   High efficiency fast silicion rectifier diode
More results

Similar Description - F1200

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTF1200 RENESAS-IDTF1200 Datasheet
2Mb / 14P
   Intermediate Frequency Digital Variable Gain Amplifier
logo
Integrated Device Techn...
IDTF1240NBGI IDT-IDTF1240NBGI Datasheet
1Mb / 23P
   Dual Intermediate Frequency Digital Variable Gain Amplifier
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA303 BEREX-BVA303_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304 BEREX-BVA304_18 Datasheet
5Mb / 29P
   DIGITAL VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com