Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC0402FR-0747KL Datasheet(PDF) 3 Page - Integrated Device Technology

Part # RC0402FR-0747KL
Description  ZIF/CIF Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RC0402FR-0747KL Datasheet(HTML) 3 Page - Integrated Device Technology

  RC0402FR-0747KL Datasheet HTML 1Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 2Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 3Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 4Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 5Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 6Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 7Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 8Page - Integrated Device Technology RC0402FR-0747KL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ZIF/CIF Modulator
600MHz to 2900MHz
Zero-Distortion
TM Modulator
3
RevO, April 2015
IDTF1653NLGI
Datasheet
IDTF1653 RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Comment
min
typ
max
units
Supply Voltage(s)
VDD
All VDD pins
3.15
3.30
3.45
V
Operating Temperature
TCASE
Case Temperature
-40
25
+105
deg C
LO Freq Range
FLO
LO power -3dBm to +5dBm
600
2900
MHz
BB Common Mode
Voltage
VCM
TCASE = -40C to +105C
VDD = 3.3 V
LO level = 0dBm
0.1
0.25
0.8
V
BB input voltage
compliance range
For each BB pin
0
1
Vpeak
BB Freq Range
FBB
F
LO = 1950 MHz, BB_IQ = 200 mVp-p
P
RF degrades < 1 dB
DC
600
MHz


Similar Part No. - RC0402FR-0747KL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
RC0402FR-0747KL IDT-RC0402FR-0747KL Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
RC0402FR-0747KL RENESAS-RC0402FR-0747KL Datasheet
1Mb / 21P
   IDTF1653 RECOMMENDED OPERATION CONDITIONS
RevO, April 2015
logo
Integrated Device Techn...
RC0402FR-0747KL IDT-RC0402FR-0747KL Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
RC0402FR-0747KL RENESAS-RC0402FR-0747KL Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
logo
Integrated Device Techn...
RC0402FR-0747KL IDT-RC0402FR-0747KL Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
More results

Similar Description - RC0402FR-0747KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM102A ETC1-ICM102A Datasheet
306Kb / 15P
   ICM102A CIF CMOS image sensor
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
   CIF COLOR CMOS IMAGE SENSOR
VV5404 ETC-VV5404 Datasheet
864Kb / 42P
   CIF FORMAT DIGITAL IMAGE SENSOR
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
   Ultra small CIF reflowable camera module
logo
List of Unclassifed Man...
ZC0301 ETC-ZC0301 Datasheet
266Kb / 15P
   VGA & CIF USB PC Camera Controller
ZC0302 ETC-ZC0302 Datasheet
192Kb / 13P
   VGA & CIF USB PC Camera Controller
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451 Datasheet
251Kb / 5P
   Ultra small reflowable CIF camera module
logo
Mitel Networks Corporat...
VP520S MITEL-VP520S Datasheet
162Kb / 16P
   PAL/NTSC to CIF/QCIF Converter
logo
Samsung semiconductor
S5K711CA SAMSUNG-S5K711CA Datasheet
684Kb / 26P
   1/7 CIF CMOS Image Sensor
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
   MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com