Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTF1950 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTF1950
Description  7-bit 0.25 dB Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1950 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTF1950 Datasheet HTML 1Page - Integrated Device Technology IDTF1950 Datasheet HTML 2Page - Integrated Device Technology IDTF1950 Datasheet HTML 3Page - Integrated Device Technology IDTF1950 Datasheet HTML 4Page - Integrated Device Technology IDTF1950 Datasheet HTML 5Page - Integrated Device Technology IDTF1950 Datasheet HTML 6Page - Integrated Device Technology IDTF1950 Datasheet HTML 7Page - Integrated Device Technology IDTF1950 Datasheet HTML 8Page - Integrated Device Technology IDTF1950 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
7-bit 0.25 dB Digital Step Attenuator
150 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
3
Rev1 March 2012
IDTF1950
DATASHEET
IDTF1950 SPECIFICATION (31.75 dB Range)
Specifications apply at VDD = +3.3V, fRF = 2000MHz, and TC= +25°C, EVkit losses are de-embedded (see p. 17) for spec purposes
Parameter
Comment
Sym.
min
typical
max
units
Logic Input High
CLK, LE, DATA, D[6:0], VMODE
VIH
2.3
3.6
V
Logic Input Low
CLK, LE, DATA, D[6:0], VMODE
VIL
0.7
V
Logic Current
VMODE
IIH, IIL
-5
+5
µA
Supply Voltage(s)
Main Supply
VDD
3.0 to 5.25
V
Supply Current
Total
IDD
0.25
0.5
1
mA
Temperature Range
Operating Range (Case)
TC
-40 to +100
degC
Frequency Range
Operating Range
fRF
150 to 4000
MHz
RF1, RF2 Return Loss
dB(s11), dB(s22)
S11, S22
-22
dB
Minimum Attenuation
D[6:0] = [0000000]
AMIN or IL
1.3
1.9
dB
Maximum Attenuation
D[6:0] = [1111111]
AMAX
32.6
33.0
dB
Minimum Gain Step
Least Significant Bit
LSB
0.25
dB
Phase Delta
Phase change AMIN vs. AMAX
Φ
34
deg
Differential Non-Linearity
Max error between
adjacent steps
DNL
0.10
dB
Integral Non-Linearity
Max Error vs. line (AMIN ref) to
13.75 dB ATTN
INL1
0.02
0.30
dB
Integral Non-Linearity
Max Error vs. line (AMIN ref) to
31.75 dB ATTN
INL2
0.27
0.45
dB
Input IP3
D[6:0] = [0000000] = AMIN
D[6:0] = [0111111] = A15.75
D[6:0] = [1111111] = AMAX
PIN = +10 dBm per tone
50 MHz Tone Separation
IP3I1
IP3I2
IP3I3
+60
2
+59
+57
+63
+61
+61
dBm
0.1 dB Compression
Please note ABS MAX
Input power on Page 2
D[6:0] = [0001010] = A2.5
Baseline PIN = 20 dBm
P0.1
27.5
dBm
Settling Time
Start LE rising edge > VIH
End +/-0.10 dB Pout settling
15.75 – 16.00 transition
TLSB
400
nsec
Serial Clock Speed
SPI 3 wire bus
FCLK
20
50
MHz
Parallel to Serial Setup
SPI 3 wire bus
A
100
ns
Serial Data Hold Time
SPI 3 wire bus
B
10
ns
LE delay from final
serial clock rising edge
SPI 3 wire bus
C
10
ns
SPECIFICATION NOTES:
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization


Similar Part No. - IDTF1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
IDTF1950 RENESAS-IDTF1950 Datasheet
2Mb / 20P
   Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
More results

Similar Description - IDTF1950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com