Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142-0711-821 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 142-0711-821
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

142-0711-821 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 142-0711-821 Datasheet HTML 7Page - Integrated Device Technology 142-0711-821 Datasheet HTML 8Page - Integrated Device Technology 142-0711-821 Datasheet HTML 9Page - Integrated Device Technology 142-0711-821 Datasheet HTML 10Page - Integrated Device Technology 142-0711-821 Datasheet HTML 11Page - Integrated Device Technology 142-0711-821 Datasheet HTML 12Page - Integrated Device Technology 142-0711-821 Datasheet HTML 13Page - Integrated Device Technology 142-0711-821 Datasheet HTML 14Page - Integrated Device Technology 142-0711-821 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
11
Rev 3, April 2015
IDTF0480NBGI
Datasheet
TYPICAL OPERATING CONDITIONS [IP3, COMPRESSION] (-1-)
Output IP3 [0 dBm/Tone, 1M Tone Spacing, 0dB ATTN]
Output IP3 [0 dBm/Tone, 1M Tone Spacing, 11dB ATTN]
Gain Compression [900 MHz]
Output IP3 [0 dBm/Tone, 10M Tone Spacing, 0 dB
ATTN]
Output IP3 [-7 dBm/Tone, 1M Tone Spacing, 0dB ATTN]
Phase Compression [900 MHz]
16
20
24
28
32
36
40
44
48
52
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40C / 5.25V / 0dBm / 1MHz / 0dB
-40C / 5.00V / 0dBm / 1MHz / 0dB
-40C / 4.75V / 0dBm / 1MHz / 0dB
35C / 5.25V / 0dBm / 1MHz / 0dB
35C / 5.00V / 0dBm / 1MHz / 0dB
35C / 4.75V / 0dBm / 1MHz / 0dB
105C / 5.25V / 0dBm / 1MHz / 0dB
105C / 5.00V / 0dBm / 1MHz / 0dB
105C / 4.75V / 0dBm / 1MHz / 0dB
RF Frequency (GHz)
Mid-Band Configuration
Low-Band
Configuration
High-Band
Configuration
16
20
24
28
32
36
40
44
48
52
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40C / 5.25V / 0dBm / 1MHz / 11dB
-40C / 5.00V / 0dBm / 1MHz / 11dB
-40C / 4.75V / 0dBm / 1MHz / 11dB
35C / 5.25V / 0dBm / 1MHz / 11dB
35C / 5.00V / 0dBm / 1MHz / 11dB
35C / 4.75V / 0dBm / 1MHz / 11dB
105C / 5.25V / 0dBm / 1MHz / 11dB
105C / 5.00V / 0dBm / 1MHz / 11dB
105C / 4.75V / 0dBm / 1MHz / 11dB
RF Frequency (GHz)
Mid-Band Configuration
Low-Band
Configuration
High-Band
Configuration
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)
16
20
24
28
32
36
40
44
48
52
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40C / 5.25V / 0dBm / 10MHz / 0dB
-40C / 5.00V / 0dBm / 10MHz / 0dB
-40C / 4.75V / 0dBm / 10MHz / 0dB
35C / 5.25V / 0dBm / 10MHz / 0dB
35C / 5.00V / 0dBm / 10MHz / 0dB
35C / 4.75V / 0dBm / 10MHz / 0dB
105C / 5.25V / 0dBm / 10MHz / 0dB
105C / 5.00V / 0dBm / 10MHz / 0dB
105C / 4.75V / 0dBm / 10MHz / 0dB
RF Frequency (GHz)
Mid-Band Configuration
Low-Band
Configuration
High-Band
Configuration
16
20
24
28
32
36
40
44
48
52
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
-40C / 5.25V / -7dBm / 1MHz / 0dB
-40C / 5.00V / -7dBm / 1MHz / 0dB
-40C / 4.75V / -7dBm / 1MHz / 0dB
35C / 5.25V / -7dBm / 1MHz / 0dB
35C / 5.00V / -7dBm / 1MHz / 0dB
35C / 4.75V / -7dBm / 1MHz / 0dB
105C / 5.25V / -7dBm / 1MHz / 0dB
105C / 5.00V / -7dBm / 1MHz / 0dB
105C / 4.75V / -7dBm / 1MHz / 0dB
RF Frequency (GHz)
Mid-Band Configuration
Low-Band
Configuration
High-Band
Configuration
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
14
15
16
17
18
19
20
21
22
23
24
-40degC / 5.25V
-40degC / 5.00V
-40degC / 4.75V
35degC / 5.25V
35degC / 5.00V
35degC / 4.75V
105degC / 5.25V
105degC / 5.00V
105degC / 4.75V
Output Power (dBm)


Similar Part No. - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
142-0711-821 MICREL-142-0711-821 Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
logo
Integrated Device Techn...
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
142-0711-821 IDT-142-0711-821 Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
More results

Similar Description - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com