Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF2801X Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ERJ-2RKF2801X
Description  DPD Demodulator for PA Linearization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF2801X Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ERJ-2RKF2801X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 9Page - Integrated Device Technology ERJ-2RKF2801X Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DPD Demodulator for PA Linearization
550MHz to 1150MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
6
Rev4 January 2014
F1300
DATASHEET
IDTF1320NBGI
Datasheet
ARY DATASHEET
POWER-ON SEQUENCE
The power-on sequence ensures F1320 works in default mode once powered on. If the F1320 is programmed after
applying DC power, the following power-on sequence is not needed.
The power-on sequence should be:
1.
CSb & SW_LATCH must be set low at power-on
2.
Once powered on, first set SW_LATCH high, then set CSb high
3.
Proceed with normal programming.
The default state after using power-on sequence:
Maximum attenuation
RF_INX, LO_INA selected
Normal operation (not Standby Mode)
SERIAL PROGRAMMING
The device is programmed via the serial port by asserting Chip Select (CSb). Note: Most-Significant-Bit first,
where the Address Word is the Most-Significant-Byte.
Serial mode timing diagram high level:
Address Word A7
– A0
Data Word D7
– D0
D5
D4
D0
D3
D1
D2
16 dB
RFSW
CLK
DATA
Data Word
Latched into
Register
LSB
CS
RSV
RSV
RSV
RSV
RSV
RSV
RSV
0
0
ENb
0
0
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
8 dB
4 dB
2 dB
1 dB
0.5 dB
MSB
1 = RFY
0 = RFX
1 = OFF
0 = ON
Polarity:
1 = ATTN ON
0 = ATTN OFF
SW_Latch
Clock in MSB first
Increasing time
LOSW
D6
D7
A5
A4
A0
A3
A1
A2
A6
A7
1 = LOB
0 = LOA


Similar Part No. - ERJ-2RKF2801X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ERJ-2RKF2871X IDT-ERJ-2RKF2871X Datasheet
1Mb / 13P
   Intermediate Frequency Digital Variable Gain Amplifier
More results

Similar Description - ERJ-2RKF2801X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com