Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF8060X Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ERJ-2RKF8060X
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF8060X Datasheet(HTML) 2 Page - Integrated Device Technology

  ERJ-2RKF8060X Datasheet HTML 1Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 2Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF8060X Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
2
RevO December 2013
IDTF1701NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
VCC to GND
-0.3V to +5.5V
STBY
-0.3V to (VCC + 0.3V)
IF_OUT+, IF_OUT-, RF_IN
-0.3V to (VCC + 0.3V)
LO_IN
-0.3V to +0.3V
IF_SET to GND, IF_BIAS to GND
-0.3V to +1.2V
RF Input Power
+20dBm
Continuous Power Dissipation
1.3W
θJA (Junction – Ambient)
+40°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +105°C
Maximum Junction Temperature
150°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+260°C
Stresses above those listed above may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational section of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - ERJ-2RKF8060X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ERJ-2RKF8661X IDT-ERJ-2RKF8661X Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
ERJ-2RKF8661X RENESAS-ERJ-2RKF8661X Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
Panasonic Semiconductor
ERJ-2RKF8662X PANASONIC-ERJ-2RKF8662X Datasheet
96Kb / 3P
   Precision Thick Film Chip Resistors
More results

Similar Description - ERJ-2RKF8060X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com