Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H390JZ010 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # GRM1555C1H390JZ010
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H390JZ010 Datasheet(HTML) 5 Page - Integrated Device Technology

  GRM1555C1H390JZ010 Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
RF to IF Single Downconverting Mixer
2000MHz to 2900MHz
IDT Zero-Distortion
TM Mixer
5
RevO December 2013
IDTF1763NBGI
Datasheet
IDTF1763 SPECIFICATION (CONTINUED)
Refer to Typical Application Circuit when operated with VCC = +5.0V, TC= +25°C, FRF = 2500 MHz, FIF = 200 MHz, FLO = 2300 MHz, PLO = 0
dBm, output power = +1dBm per tone, STBY = GND unless otherwise noted. Transformer loss is de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
IM2 Sum Product (IM2+)
Pout = -3 dBm each tone
F
IF1 = 200 MHz, FIF2 = 205 MHz
IM2 Product = 405 MHz
IM2+
-67
-61
dBc
IM2 Diff Product (IM2-)
Pout = -3 dBm each tone
F
IF1 = 200 MHz, FIF2 = 205 MHz
IM2 Product = 5 MHz
IM2-
-82
-76
dBc
1dB output compression
Output referred
P1dBO
17
20.9
dBm
1dB input compression
Input referred
P1dBI
10.2
dBm
Gain Comp. w/blocker
Unmodulated blocker
P
in = +4 dBm, -100MHz offset
Signal Pin Tone = -20dBm
Measure Δ gain of signal
ΔG
AC
0.1
0.2
dB
Gain Ripple
Fixed LO = 1650 MHz
RF = 1700 to 2100 MHz
IF = 50 to 450MHz
2.7
3
dB
RF Input Impedance
Single Ended
ZRF
50
Ω
LO port Impedance
Single Ended
ZLO
50
IF Output Impedance
Differential
ZIF
200
RF Input Return Loss
Single Ended
RFRL
15
25
dB
LO port Return Loss
Single Ended
LORL
12
16
dB
IF Output Return Loss
Differential
IFRL
10
13
dB
LO to IF leakage
2
ISOLI
-34
-27
dBm
RF to IF isolation
Referenced to Pin = -10dBm
ISORI
-44
-38
dBc
LO to RF leakage
ISOLR
-49
-38
dBm
1
– Items in min/max columns in bold italics are Guaranteed by Test
2
– All other Items in min/max columns are Guaranteed by Design Characterization


Similar Part No. - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

Similar Description - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com