Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFXF6553-TR13 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # RFXF6553-TR13
Description  DPD Demodulator for PA Linearization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

RFXF6553-TR13 Datasheet(HTML) 4 Page - Integrated Device Technology

  RFXF6553-TR13 Datasheet HTML 1Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 2Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 3Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 4Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 5Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 6Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 7Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 8Page - Integrated Device Technology RFXF6553-TR13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DPD Demodulator for PA Linearization
550MHz to 1150MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
4
Rev4 January 2014
F1300
DATASHEET
IDTF1320NBGI
Datasheet
ARY DATASHEET
IDTF1320 SPECIFICATION - CONTINUED
Refer to Typical Application Circuit when operated with VCC = +5.0V, TCASE = 25C, , FRF = 860 MHz, FLO = 1060 MHz, Gain = GMAX, PLO = 0
dBm, TC= +25°C, STBY = GND, unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF trace
losses de-embedded.
Parameter
Comment
Symbol
min
typ
max
units
Noise Figure
From RF_INX to I+,I- out
Gain setting = G
MAX
NF
18.3
dB
Output IP3
– G
MAX
Measured at I+,I- and Q+,Q-
P
IN = -11 dBm per tone
5 MHz Tone Separation
Gain setting = G
MAX
IP3MAX
39
43
dBm
Output IP3
– G
-20
Measured at I+,I- and Q+,Q-
P
IN = +9 dBm per tone
5 MHz Tone Separation
Gain setting = G
-20
IP3-20
39
2
42
dBm
2
nd Harmonic
Measured at I+,I- and Q+,Q-
P
IN = -11 dBm
F
RF = 860, FLO = 970
Gain setting = G
MAX
H2
-70
-76
dBc
Output IP2
Measured at I+,I- and Q+,Q-
P
IN = -11 dBm per tone
5 MHz Tone Separation
Gain setting = G
MAX
IP2O
59
65
dBm
Output compression
Measured at I+,I- and Q+,Q-
P
IN = +4 dBm
Gain setting = G
MAX
C
0.3
1
dB
Gain Ripple1
Fixed LO = 1020 MHz
RF = 650 to 1000 MHz
IF = 20 to 370 MHz
Ripple1
0.8
1.4
dB
Gain Ripple2
Fixed LO = 1061.5 MHz
RF = 591.5MHz to 1041.5MHz
IF = 20 to 470 MHz
Ripple2
1.1
1.5
dB
Group Delay Distortion
Fixed LO = 1020 MHz
RF = 650 to 1000 MHz
IF = 20 to 350 MHz
GDD
2
nsec
Quadrature Amplitude
Balance
From RF_INX to I+,I- & Q+,Q-
Gain setting = G
MAX
Pin = -11 dBm
BALG
-0.2
0.2
dB
Quadrature Phase
Balance
F
RF = 860, FLO = 1060
Measure with 20 GSa/sec scope
BALΦ
-3
+3
degrees
Amplitude Balance over
environmentals
F
RF = 860, FLO = 1060
Tc = -40C to 100C
LO drive = -3 dBm to +3 dBm
Measure with 20 GSa/sec scope
BALG
-0.4
+0.4
dB
Quadrature Phase
Balance over
environmentals
F
RF = 860, FLO = 1060
Tc = -40C to 100C
LO drive = -3 dBm to +3 dBm
Measure with 20 GSa/sec scope
BALΦ
-3
+3
degrees
LO to IF leakage
ISOLI
-30
-25
dBm
LO to RF leakage
ISOLR
-40
dBm
RF to IF isolation
ISORI
-32
-23
dB
Attenuator Range
Range
25.5
dB


Similar Part No. - RFXF6553-TR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFXF0006 RFMD-RFXF0006 Datasheet
334Kb / 4P
   45MHz to 1200MHz Operation
logo
Qorvo, Inc
RFXF0006 QORVO-RFXF0006 Datasheet
681Kb / 8P
   45-1218 MHz GaAs/GaN Power Doubler Module
RFXF0006H QORVO-RFXF0006H Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSB QORVO-RFXF0006HSB Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
RFXF0006HSQ QORVO-RFXF0006HSQ Datasheet
364Kb / 5P
   1:1 SMT Transformer 45MHz to 1200MHz
More results

Similar Description - RFXF6553-TR13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com