Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

961104-6404-AR Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 961104-6404-AR
Description  6-bit 0.5 dB Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

961104-6404-AR Datasheet(HTML) 2 Page - Integrated Device Technology

  961104-6404-AR Datasheet HTML 1Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 2Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 3Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 4Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 5Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 6Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 7Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 8Page - Integrated Device Technology 961104-6404-AR Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6-bit 0.5 dB Digital Step Attenuator
100 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
2
Rev2 April 2013
IDTF1951
DATASHEET
ABSOLUTE MAXIMUM RATINGS
VDD to GND
-0.3V to +5.25V
D[5:0], DATA, CLK,CSb,SDO, RSTb
-0.3V to 3.6V
RF Input Power (RF1, RF2) calibration and testing
+29 dBm
RF Input Power (RF1, RF2) continuous RF operation
+23 dBm
θJA (Junction – Ambient)
+50°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
+3°C/W
Operating Temperature Range (Case Temperature)
TC = -40°C to +100°C
Maximum Junction Temperature
140°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s) .
+260°C


Similar Part No. - 961104-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 27P
   Matched Broadband RF VGA
logo
Renesas Technology Corp
961104-6404-AR RENESAS-961104-6404-AR Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
961104-6404-AR RENESAS-961104-6404-AR Datasheet
1Mb / 26P
   Wide flat performance IF BW
Rev4, January 2014
logo
Integrated Device Techn...
961104-6404-AR IDT-961104-6404-AR Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
More results

Similar Description - 961104-6404-AR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
   0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com