Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

142-0701-851 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 142-0701-851
Description  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

142-0701-851 Datasheet(HTML) 3 Page - Integrated Device Technology

  142-0701-851 Datasheet HTML 1Page - Integrated Device Technology 142-0701-851 Datasheet HTML 2Page - Integrated Device Technology 142-0701-851 Datasheet HTML 3Page - Integrated Device Technology 142-0701-851 Datasheet HTML 4Page - Integrated Device Technology 142-0701-851 Datasheet HTML 5Page - Integrated Device Technology 142-0701-851 Datasheet HTML 6Page - Integrated Device Technology 142-0701-851 Datasheet HTML 7Page - Integrated Device Technology 142-0701-851 Datasheet HTML 8Page - Integrated Device Technology 142-0701-851 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
3
RevO December 2013
IDTF1701NBGI
Datasheet
IDTF1701 RECOMMENDED OPERATING CONDITIONS
Parameter
Comment
Symbol
min
typ
max
Units
Supply Voltage(s)
All VCC pins
VCC
4.75
5.25
V
Operating
Temperature Range
Case Temperature
TCASE
-40
+105
degC
RF Freq Range
Sets LO freq range
FRF1
698
960
MHz
Oversample RF
Range
Measure gain at 200MHz IF
FLO = 800MHz, 1260MHz
FRF2
600
1060
LO Freq Range
630
1260
IF Freq Range
Sets LO freq range
FIF
70
300


Similar Part No. - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
Rev1 December 2013
logo
ON Semiconductor
142-0701-851 ONSEMI-142-0701-851 Datasheet
238Kb / 22P
   Evaluation Board Manual for High Frequency LQFP32
April, 2003 - Rev. 1
logo
Skyworks Solutions Inc.
142-0701-851 SKYWORKS-142-0701-851 Datasheet
644Kb / 11P
   High Power (26 dBm) 802.11n WLAN Power Amplifier with Integrated Power Detector
logo
Integrated Device Techn...
142-0701-851 IDT-142-0701-851 Datasheet
2Mb / 54P
   Sampling IF Receiver 1710MHz to 2050MHz
logo
Renesas Technology Corp
142-0701-851 RENESAS-142-0701-851 Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
More results

Similar Description - 142-0701-851

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com