Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERJ-2RKF3001X Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ERJ-2RKF3001X
Description  6-bit 0.5 dB Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ERJ-2RKF3001X Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ERJ-2RKF3001X Datasheet HTML 3Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 4Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 5Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 6Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 7Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 8Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 9Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 10Page - Integrated Device Technology ERJ-2RKF3001X Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6-bit 0.5 dB Digital Step Attenuator
100 MHz to 4000 MHz
Glitch-Free
TM Digital Step Attenuator
7
Rev2 April 2013
IDTF1951
DATASHEET
TOCS CONTINUED (-2-)
Phase vs. Frequency
Supply Current IDD
Input IP3 [fRF = 1900 MHz]
Phase vs. Attenuation Setting
Input IP3 [fRF = 900 MHz]
Compression [fRF = 2000 MHz, ATTN = 2.5 dB]
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
200
600
1000
1400
1800
2200
2600
3000
3400
3800
-40 degC - 31.5 dB
-40 degC - 0.0 dB
25 degC - 31.5 dB
25 degC - 0.0 dB
100 degC - 31.5 dB
100 degC - 0.0 dB
RF Frequency (MHz)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
4
8
12
16
20
24
28
-40 degC - 3.3 V
25 degC - 3.3 V
100 degC - 3.3 V
Attenuation Setting (dB)
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
-40 degC - 5.0 V
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 5.0 V
100 degC - 3.3 V
Attenuation Setting (dB)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
4
8
12
16
20
24
28
100 MHz
400 MHz
900 MHz
1400 MHz
1900 MHz
2400 MHz
2900 MHz
3400 MHz
3900 MHz
Attenuation Setting (dB)
10
20
30
40
50
60
70
80
90
0
4
8
12
16
20
24
28
-40 degC - 5.0 V
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 5.0 V
100 degC - 3.3 V
Attenuation Setting (dB)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
20
21
22
23
24
25
26
27
28
29
-40 degC - 5.0 V
-40 degC - 3.3 V
25 degC - 5.0 V
25 degC - 3.3 V
100 degC - 5.0 V
100 degC - 3.3 V
Attenuation Setting (dB)


Similar Part No. - ERJ-2RKF3001X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ERJ-2RKF3001X IDT-ERJ-2RKF3001X Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
ERJ-2RKF3001X IDT-ERJ-2RKF3001X Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
ERJ-2RKF3001X IDT-ERJ-2RKF3001X Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
logo
Renesas Technology Corp
ERJ-2RKF3001X RENESAS-ERJ-2RKF3001X Datasheet
2Mb / 23P
   Serial and 6 bit Parallel Interface
ERJ-2RKF3001X RENESAS-ERJ-2RKF3001X Datasheet
2Mb / 23P
   Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
More results

Similar Description - ERJ-2RKF3001X

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
   0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
   0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com