Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTSB40100CT-1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTSB40100CT-1G
Description  Very Low Forward Voltage Trench-based Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTSB40100CT-1G Datasheet(HTML) 2 Page - ON Semiconductor

  NTSB40100CT-1G Datasheet HTML 1Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 2Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 3Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 4Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 5Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 6Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 7Page - ON Semiconductor NTSB40100CT-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTST40100CTG, NTSB40100CT−1G, NTSB40100CTG, NTSJ40100CTG
www.onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
(Rated VR, TC = 120°C)
Per device
Per diode
IF(AV)
40
20
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz, TC = 125°C)
Per device
Per diode
IFRM
60
30
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
250
A
Operating Junction Temperature
TJ
−40 to +150
°C
Storage Temperature
Tstg
−40 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
NTST40100CTG,
NTSB40100CT−1G
NTSB40100CTG
NTSJ40100CTG
Unit
Maximum Thermal Resistance per Diode
Junction−to−Case
Junction−to−Ambient
RqJC
RqJA
1.3
70
0.79
46.3
4.0
105
°C/W
°C/W
ELECTRICAL CHARACTERISTICS (Per Leg unless otherwise noted)
Rating
Symbol
Typ
Max
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(IF = 5 A, TJ = 25°C)
(IF = 10 A, TJ = 25°C)
(IF = 20 A, TJ = 25°C)
(IF = 5 A, TJ = 125°C)
(IF = 10 A, TJ = 125°C)
(IF = 20 A, TJ = 125°C)
vF
0.46
0.56
0.71
0.41
0.52
0.63
0.80
0.68
V
Maximum Instantaneous Reverse Current (Note 1)
(VR = 70 V, TJ = 25°C)
(VR = 70 V, TJ = 125°C)
(Rated dc Voltage, TJ = 25°C)
(Rated dc Voltage, TJ = 125°C)
IR
12
8.0
20
20
1000
45
mA
mA
mA
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%


Similar Part No. - NTSB40100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTSB40120CT-1G ONSEMI-NTSB40120CT-1G Datasheet
133Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 4
NTSB40120CT-1G ONSEMI-NTSB40120CT-1G Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
NTSB40120CT1G ONSEMI-NTSB40120CT1G Datasheet
133Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 4
NTSB40120CTG ONSEMI-NTSB40120CTG Datasheet
133Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
January, 2013 ??Rev. 4
NTSB40120CTG ONSEMI-NTSB40120CTG Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results

Similar Description - NTSB40100CT-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTST30100SG ONSEMI-NTST30100SG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2010 ??Rev. 0
NRTST40H100CT ONSEMI-NRTST40H100CT Datasheet
60Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
May, 2016 ??Rev. 0
NTSV30120CT ONSEMI-NTSV30120CT Datasheet
86Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 1
NTS245ESF ONSEMI-NTS245ESF Datasheet
112Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
July, 2014 ??Rev. P0
NTS245SF ONSEMI-NTS245SF Datasheet
64Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 0
NTS10100MFS ONSEMI-NTS10100MFS Datasheet
66Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 0
NTS12100MFS ONSEMI-NTS12100MFS Datasheet
68Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
April, 2014 ??Rev. 2
NTSJ3080CTG ONSEMI-NTSJ3080CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTSV30100SG ONSEMI-NTSV30100SG Datasheet
103Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
June, 2012 ??Rev. 0
NTSJ30U80CTG ONSEMI-NTSJ30U80CTG Datasheet
128Kb / 5P
   Very Low Forward Voltage Trench-based Schottky Rectifier
November, 2011 ??Rev. 0
NTST40120CT ONSEMI-NTST40120CT Datasheet
117Kb / 8P
   Very Low Forward Voltage Trench-based Schottky Rectifier
September, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com