Electronic Components Datasheet Search |
|
Z90104 Datasheet(PDF) 8 Page - Zilog, Inc. |
|
Z90104 Datasheet(HTML) 8 Page - Zilog, Inc. |
8 / 36 page Z90102/90103/90104 40-Pin Low-Cost Digital Television Controller Zilog 8 DS97TEL1902 CAPACITANCE TA = 25°C; VCC = GND = 0V; Freq =1.0 MHz; unmeasured pins to GND. DC CHARACTERISTICS TA = 0°C to +70°C; VCC = +4.5V to +5.5V; FOSC = 4 MHz Parameter Max Units Input capacitance 10 pF Output capacitance 20 pF I/O capacitance 25 pF AFCIN input capacitance 10 pF TA = 0°C to +70°C Typical Sym Parameter Min Max @ 25 °C Units Conditions VIL Input Voltage Low 0 0.2 VCC 1.48 V VILC Input XTAL/Osc In Low 0.07 VCC 0.98 V External Clock Generator Driven VIH Input Voltage High 0.7 VCC VCC 3.0 V VIHC Input XTAL/Osc In High 0.8 VCC VCC 3.2 V External Clock Generator Driven VHY Schmitt Hysteresis 0.1 VCC 0.8 V VPU Maximum Pull-Up Voltage 13.2 V 1, 2 VOL Output Voltage Low 0.4 0.4 0.16 0.19 V V IOL=1.00 mA IOL=0.75 mA 1 V00-01 AFC Level 01 In 0.45 VCC 1.9 V V01-11 AFC Level 11 In 0.5 VCC 0.75 VCC 3.12 V VOH Output Voltage High VCC –0.4 4.75 V IOH=–0.75 mA IIR Reset Input Current –80 –46 mAVRL=0V IIL Input Leakage –3.0 3.0 0.01 mA0V, VCC IOL Tristate Leakage –3.0 3.0 0.02 mA0V, VCC ICC ICC1 ICC2 Supply Current 20 6 10 13.2 3.2 2.0 mA mA mA All inputs at rail & outputs floating Notes: 1. PWM open-drain 2. Recommended operating voltage 12V with maximum positive tolerance 10%, i.e., 13.2V. |
Similar Part No. - Z90104 |
|
Similar Description - Z90104 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |