Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z90104 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z90104
Description  40-Pin Low-Cost Digital Television Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z90104 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z90104 Datasheet HTML 3Page - Zilog, Inc. Z90104 Datasheet HTML 4Page - Zilog, Inc. Z90104 Datasheet HTML 5Page - Zilog, Inc. Z90104 Datasheet HTML 6Page - Zilog, Inc. Z90104 Datasheet HTML 7Page - Zilog, Inc. Z90104 Datasheet HTML 8Page - Zilog, Inc. Z90104 Datasheet HTML 9Page - Zilog, Inc. Z90104 Datasheet HTML 10Page - Zilog, Inc. Z90104 Datasheet HTML 11Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Z90102/90103/90104
Zilog
40-Pin Low-Cost Digital Television Controller
DS97TEL1902
7
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of this specification is not implied. Exposure to abso-
lute maximum rating conditions for extended periods may
affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 3).
Symbol
Parameters
Min
Max
Units
Notes
VCC
Power Supply
Voltage*
–0.3
+7
V
VI
Input Voltage
–0.3
VCC +0.3
V
VI
Input Voltage
–0.3
VCC +0.3
V
1
VO
Output Voltage
–0.3
13.2
V
2, 3
IOH
Output Current High
–10
mA
1 pin
IOH
Output Current High
–100
mA
All total
IOL
Output Current Low
20
mA
1 pin
IOL
Output Current Low
200
mA
All total
TA
Operating
Temperature
TSTG
Storage
Temperature
–65
+150
C
Notes:
1. Port 2 open-drain
2. PWM open-drain outputs
3. Absolute maximum operating voltage 13.2V.
Absolute maximum momentary (non-operating) voltage is 16.0V.
* Voltage on all pins with respect to GND.
† See Ordering Information
Figure 3. Test Load Diagram
From Output
Under Test
RLL
VDD
RLH
150 pF


Similar Part No. - Z90104

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90120 ZILOG-Z90120 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90130 ZILOG-Z90130 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
More results

Similar Description - Z90104

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z86247 ZILOG-Z86247 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
   LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
   Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com