Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCC-202 Datasheet(PDF) 7 Page - ON Semiconductor

Part # TCC-202
Description  Two-Output PTIC Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCC-202 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button TCC-202 Datasheet HTML 3Page - ON Semiconductor TCC-202 Datasheet HTML 4Page - ON Semiconductor TCC-202 Datasheet HTML 5Page - ON Semiconductor TCC-202 Datasheet HTML 6Page - ON Semiconductor TCC-202 Datasheet HTML 7Page - ON Semiconductor TCC-202 Datasheet HTML 8Page - ON Semiconductor TCC-202 Datasheet HTML 9Page - ON Semiconductor TCC-202 Datasheet HTML 10Page - ON Semiconductor TCC-202 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TCC−202
www.onsemi.com
7
AVDD Power−On Reset (POR)
Upon application of AVDD the TCC−202 will be in
shutdown mode. All circuit blocks are off and the chip draws
only minimal leakage current.
VIO Power−On Reset and Startup Conditions
A high level on VIO places the chip in startup mode which
provides a POR to the TCC−202. POR resets all registers to
their default settings as described in Table 8. VIO POR also
resets the serial interface circuitry. POR is not a brown−out
detector and VIO needs to be brought back to a low level to
enable the POR to trigger again.
Table 7. VIO POWER−ON RESET AND STARTUP
Register
Default State for
VIO POR
Comment
DAC Boost
[1011]
VHV = 24 V
Power Mode
[01]>[00]
Transitions from shutdown to startup and then automatically to active mode
DAC Enable
[000000]
VOUT A, B Disabled
DAC A
Output in High−Z Mode
DAC B
Output in High−Z Mode
VIO Shutdown
A low level at any time on VIO places the chip in shutdown mode in which all circuit blocks are off. The contents of the
registers are not maintained in shutdown mode.
Table 8. VIO THRESHOLDS (AVDD from 2.3 V to 5.5 V; TA = –30 to +85°C unless otherwise specified)
Parameter
Description
Min
Typ
Max
Unit
Comments
VIORST
VIO Low Threshold
0.2
V
When VIO is lowered below this threshold level the
chip is reset and placed into the shutdown state
Power Supply Sequencing
The AVDD input is typically directly supplied from the battery and thus is the first on. After AVDD is applied and before VIO
is applied to the chip, all circuits are in the shutdown state and draw minimum leakage currents. Upon application of VIO, the
chip automatically starts up using default settings and is placed in the active state waiting for a command via the serial interface.
Table 9. TIMING (AVDD from 2.3 V to 5.5 V; VIO from 1.62 V to 1.98 V; TA = –30 to +85°C; OUT A and OUT B; CHV = 47 nF; LBOOST
= 15
mH; VHV = 24 V; Turbo−Charge mode off unless otherwise specified; VDDA = 1.7 V)
Parameter
Description
Min
Typ
Max
Unit
Comments
TPOR_VREG
Internal bias settling time from shutdown to active mode
50
120
ms
For info only
TBOOST_START
Time to charge CHV @ 80% of set VHV
(set to 24 V, VDDA = 2.7 V)
130
ms
For info only
TSD_TO_ACT
Startup time from shutdown to active mode
180
300
ms
TSET+
Output A, B positive settling time to within 5% of the
delta voltage, equivalent series load of 5.6 k
W and 2.7
nF, VOUT from 2 V to 20 V; 0Bh (11d) to 55h (85d)
50
60
ms
Voltage settling time
connected on VOUT
A, B
TSET−
Output A, B negative settling time to within 5% of the
delta voltage, equivalent series load of 5.6 k
W and 2.7
nF, VOUT from 20 V to 2 V; 55h (85d) to 0Bh (11d)
50
60
ms
Voltage settling time
connected on VOUT
A, B
TSET+
Output A, B positive settling time with Turbo
35
ms
Voltage settling time
connected on VOUT
A, B
TSET−
Output A, B negative settling time with Turbo
35
ms
Voltage settling time
connected on VOUT
A, B


Similar Part No. - TCC-202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
More results

Similar Description - TCC-202

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCC-106 ONSEMI-TCC-106 Datasheet
505Kb / 24P
   Six-Output PTIC Control IC
September, 2015 ??Rev. 5
TCC-206 ONSEMI-TCC-206 Datasheet
559Kb / 33P
   Six-Output PTIC Control IC
November, 2015 ??Rev. 1
TCC-303 ONSEMI-TCC-303 Datasheet
583Kb / 32P
   Three-Output PTIC Control IC
September, 2019 ??Rev. 5
TCC-303-D ONSEMI-TCC-303-D Datasheet
609Kb / 32P
   Three-Output PTIC Control IC
September, 2017 ??Rev. 4
TCC-404 ONSEMI-TCC-404 Datasheet
511Kb / 40P
   Four-Output PTIC Control IC
September, 2019 ??Rev. 1
TCC-226 ONSEMI-TCC-226 Datasheet
960Kb / 33P
   Six-Output PTIC Control IC
June, 2016 ??Rev. 0
TCC-103 ONSEMI-TCC-103 Datasheet
539Kb / 29P
   PTIC Control IC
February, 2013 ??Rev. 0
logo
Micrel Semiconductor
MIC2155_0911 MICREL-MIC2155_0911 Datasheet
623Kb / 35P
   Two-Phase, Single-Output, PWM Synchronous Buck Control IC
logo
SHENZHEN FUMAN ELECTRON...
TCX3E FUMAN-TCX3E Datasheet
194Kb / 3P
   Two-function remote control IC
logo
Freescale Semiconductor...
MC33814 FREESCALE-MC33814 Datasheet
2Mb / 50P
   Two Cylinder Small Engine Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com