Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89010404PSC Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z89010404PSC
Description  40-Pin Low-Cost Digital Television Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89010404PSC Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z89010404PSC Datasheet HTML 4Page - Zilog, Inc. Z89010404PSC Datasheet HTML 5Page - Zilog, Inc. Z89010404PSC Datasheet HTML 6Page - Zilog, Inc. Z89010404PSC Datasheet HTML 7Page - Zilog, Inc. Z89010404PSC Datasheet HTML 8Page - Zilog, Inc. Z89010404PSC Datasheet HTML 9Page - Zilog, Inc. Z89010404PSC Datasheet HTML 10Page - Zilog, Inc. Z89010404PSC Datasheet HTML 11Page - Zilog, Inc. Z89010404PSC Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Z90102/90103/90104
40-Pin Low-Cost Digital Television Controller
Zilog
8
DS97TEL1902
CAPACITANCE
TA = 25°C; VCC = GND = 0V; Freq =1.0 MHz; unmeasured pins to GND.
DC CHARACTERISTICS
TA = 0°C to +70°C; VCC = +4.5V to +5.5V; FOSC = 4 MHz
Parameter
Max
Units
Input capacitance
10
pF
Output
capacitance
20
pF
I/O capacitance
25
pF
AFCIN input
capacitance
10
pF
TA = 0°C to +70°C
Typical
Sym
Parameter
Min
Max
@ 25
°C
Units
Conditions
VIL
Input Voltage Low
0
0.2 VCC
1.48
V
VILC
Input XTAL/Osc In Low
0.07 VCC
0.98
V
External Clock
Generator Driven
VIH
Input Voltage High
0.7 VCC
VCC
3.0
V
VIHC
Input XTAL/Osc In High
0.8 VCC
VCC
3.2
V
External Clock
Generator Driven
VHY
Schmitt Hysteresis
0.1 VCC
0.8
V
VPU
Maximum Pull-Up
Voltage
13.2
V
1, 2
VOL
Output Voltage Low
0.4
0.4
0.16
0.19
V
V
IOL=1.00 mA
IOL=0.75 mA 1
V00-01
AFC Level 01 In
0.45 VCC
1.9
V
V01-11
AFC Level 11 In
0.5 VCC
0.75 VCC
3.12
V
VOH
Output Voltage High
VCC –0.4
4.75
V
IOH=–0.75 mA
IIR
Reset Input Current
–80
–46
mAVRL=0V
IIL
Input Leakage
–3.0
3.0
0.01
mA0V, VCC
IOL
Tristate Leakage
–3.0
3.0
0.02
mA0V, VCC
ICC
ICC1
ICC2
Supply Current
20
6
10
13.2
3.2
2.0
mA
mA
mA
All inputs at rail &
outputs floating
Notes:
1. PWM open-drain
2. Recommended operating voltage 12V with maximum positive
tolerance 10%, i.e., 13.2V.


Similar Part No. - Z89010404PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89135 ZILOG-Z89135 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89136 ZILOG-Z89136 Datasheet
328Kb / 66P
   Low-Cost DTAD Controller
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89165 ZILOG-Z89165 Datasheet
196Kb / 22P
   DTAD CONTROLLERS
More results

Similar Description - Z89010404PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z86247 ZILOG-Z86247 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
   LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
   Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com