Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E3016FEC Datasheet(PDF) 10 Page - Zilog, Inc.

Part # Z86E3016FEC
Description  Z8 4K OTP Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3016FEC Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button Z86E3016FEC Datasheet HTML 6Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 7Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 8Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 9Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 10Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 11Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 12Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 13Page - Zilog, Inc. Z86E3016FEC Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
Z86E30/E31/E40
Z8 4K OTP Microcontroller
Zilog
10
P R E L I M I N A R Y
DS97Z8X0500
Figure 9. Standard Mode
28-Pin DIP/SOIC Pin Configuration*
Table 7. 28-Pin DIP/SOIC/PLCC
Pin Identification*
Pin #
Symbol
Function
Direction
1-3
P25-P27
Port 2, Pins 5,6,
In/Output
4-7
P04-P07
Port 0, Pins 4,5,6,7 In/Output
8VCC
Power Supply
9
XTAL2
Crystal Oscillator
Output
10
XTAL1
Crystal Oscillator
Input
11-13
P31-P33
Port 3, Pins 1,2,3
Input
14-15
P34-P35
Port 3, Pins 4,5
Output
16
P37
Port 3, Pin 7
Output
17
P36
Port 3, Pin 6
Output
18
P30
Port 3, Pin 0
Input
19-21
P00-P02
Port 0, Pins 0,1,2
In/Output
22
VSS
Ground
23
P03
Port 0, Pin 3
In/Output
24-28
P20-P24
Port 2, Pins
0,1,2,3,4
In/Output
Notes:
*Pin Identification and Configuration identical on DIP and
Cerdip Window Lid style packages.
P25
P26
P27
P04
P05
P06
P07
VCC
XTAL2
XTAL1
P31
P32
P33
P34
P24
P23
P22
P21
P20
P03
VSS
P02
P01
P00
P30
P36
P37
P35
28
28-Pin DIP
1
14
15
Figure 10. EPROM Programming Mode
28-Pin DIP/SOIC Pin Configuration*
Figure 11. Standard Mode
28-Pin PLCC Pin Configuration
D5
D6
D7
A4
A5
A6
A7
VCC
NC
/CE
/OE
EPM
VPP
A8
D4
D3
D2
D1
D0
A3
VSS
A2
A1
A0
/PGM
A10
A11
A9
28
28-Pin DIP
1
14
15
25
19
5
11
18
12
26
4
28-Pin PLCC
1
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
XXX
P21
P20
P03
VSS
P02
P01
P00
P05
P06
P07
VCC
XT2
XT1
P31


Similar Part No. - Z86E3016FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3016PSC ZILOG-Z86E3016PSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3016PSG ZILOG-Z86E3016PSG Datasheet
1Mb / 348P
   Z86E3016PSG
Z86E3016SEC ZILOG-Z86E3016SEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3016SSC ZILOG-Z86E3016SSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3016VEC ZILOG-Z86E3016VEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
More results

Similar Description - Z86E3016FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com