Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E3116FEC Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z86E3116FEC
Description  Z8 4K OTP Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E3116FEC Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button Z86E3116FEC Datasheet HTML 2Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 3Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 4Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 5Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 6Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 7Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 8Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 9Page - Zilog, Inc. Z86E3116FEC Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
Z86E30/E31/E40
Z8 4K OTP Microcontroller
Zilog
6
P R E L I M I N A R Y
DS97Z8X0500
Figure 5. 44-Pin QFP Pin Configuration
Standard Mode
34
44
P21
P22
P23
P24
/DS
NC
R//W
P25
P26
P27
P04
P30
P36
P37
P35
/RESET
R//RL
/AS
P34
P33
P32
P31
1
23
33
44-Pin QFP
11
22
12
Table 3. 44-Pin QFP Pin Identification
Pin #
Symbol Function
Direction
1-2
P05-P06 Port 0, Pins 5,6
In/Output
3-4
P14-P15 Port 1, Pins 4,5
In/Output
5
P07
Port 0, Pin 7
In/Output
6-7
VCC
Power Supply
8-9
P16-P17 Port 1, Pins 6,7
In/Output
10
XTAL2
Crystal Oscillator
Output
11
XTAL1
Crystal Oscillator
Input
12-14
P31-P13 Port 3, Pins 1,2,3
Input
15
P34
Port 3, Pin 4
Output
16
/AS
Address Strobe
Output
17
R//RL
ROM/ROMless select Input
18
/RESET Reset
Input
19
P35
Port 3, Pin 5
Output
20
P37
Port 3, Pin 7
Output
21
P36
Port 3, Pin 6
Output
22
P30
Port 3, Pin 0
Input
23-24
P00-P01 Port 0, Pin 0,1
In/Output
25-26
P10-P11 Port 1, Pins 0,1
In/Output
27
P02
Port 0, Pin 2
In/Output
28-29
GND
Ground
30-31
P12-P13 Port 1, Pins 2,3
In/Output
32
P03
Port 0, Pin 3
In/Output
33-37
P20-4
Port 2, Pins 0,1,2,3,4 In/Output
38
/DS
Data Strobe
Output
39
NC
No Connection
40
R//W
Read/Write
Output
41-43
P25-P27 Port 2, Pins 5,6,7
In/Output
44
P04
Port 0, Pin 4
In/Output
Table 3. 44-Pin QFP Pin Identification
Pin #
Symbol Function
Direction


Similar Part No. - Z86E3116FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E3116PEC ZILOG-Z86E3116PEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116PSC ZILOG-Z86E3116PSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116PSG ZILOG-Z86E3116PSG Datasheet
1Mb / 348P
   Z86E3016PSG
Z86E3116SEC ZILOG-Z86E3116SEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSC ZILOG-Z86E3116SSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
More results

Similar Description - Z86E3116FEC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com