Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1916 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1916
Description  Low-Dropout, Constant-Current Triple White LED Bias Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1916 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1916 Datasheet HTML 1Page - Maxim Integrated Products MAX1916 Datasheet HTML 2Page - Maxim Integrated Products MAX1916 Datasheet HTML 3Page - Maxim Integrated Products MAX1916 Datasheet HTML 4Page - Maxim Integrated Products MAX1916 Datasheet HTML 5Page - Maxim Integrated Products MAX1916 Datasheet HTML 6Page - Maxim Integrated Products MAX1916 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Setting the Output Current
SET controls the LED bias current. Current flowing into
LED1, LED2, and LED3 is 230 times greater than the
current flowing into SET. Set the output current as fol-
lows:
where VSET = 1.215V, VCTRL is an external voltage
between 1.8V and 5.5V, and RSET is the resistor con-
nected between VCTRL and SET (Figure 1).
Applications Information
1) Very Low-Cost, High-Efficiency Solution (Figure 2).
A battery (single Li+ or three NiMH cells) powers
the LEDs directly. This is the least expensive and
most efficient architecture. Due to the high forward
voltage of white LEDs (3.3V), the LED brightness
may dim slightly at the end of battery life. The
MAX1916’s current-regulating architecture and low
dropout greatly minimize this effect compared to
using simple ballast resistors. The enable function
of the MAX1916 turns on and off the LEDs. An exist-
ing low-dropout regulator is used as VCTRL.
2) Brightness Adjustment Using a DAC (Figure 3). A
DAC is used as VCTRL such that the LED brightness
may be dynamically adjusted to eliminate factory
calibration. A battery (single Li+ or three NiMH
cells) or a regulated power source drives the LEDs.
3) Existing 5V Supply (Figure 4). Use an existing sys-
tem regulator, such as the MAX684, to provide the
required LED voltage and provide power to other
circuits. Due to the high forward voltage of white
LEDs (3.3V), use a 3.6V to 5.5V regulated supply to
provide enough voltage headroom such that the
LEDs will maintain constant brightness for any bat-
tery voltage. Use the existing regulated supply as
VCTRL.
Chip Information
TRANSISTOR COUNT: 220
PROCESS: BiCMOS
I
VV
R
LED
CTRL
SET
SET
_
()
=
230
Low-Dropout, Constant-Current
Triple White LED Bias Supply
6
_______________________________________________________________________________________
MAX1916
ON
EN
OFF
EXISTING
LDO
GND
SET
LED1 LED2 LED3
VCTRL
V+
TO OTHER
CIRCUITS
Figure 2. Very Low-Cost, High-Efficiency Solution
MAX1916
ON
EN
OFF
DAC
GND
SET
LED1 LED2
LED3
VCTRL
V+
Figure 3. Brightness Adjust Using DAC
MAX1916
ON
EN
OFF
EXISTING
REGULATOR
GND
SET
LED1 LED2
LED3
VBATT
V+
5.0V
TO OTHER
CIRCUITS
Figure 4. Existing 5V Supply Circuit


Similar Part No. - MAX1916

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
   Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1910EUB MAXIM-MAX1910EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912 MAXIM-MAX1912 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
MAX1912EUB MAXIM-MAX1912EUB Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results

Similar Description - MAX1916

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6311A TMT-T6311A Datasheet
44Kb / 9P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
List of Unclassifed Man...
T6316A ETC2-T6316A Datasheet
40Kb / 6P
   Low-Dropout, Constant-Current White LED Bias Supply
logo
Global Mixed-mode Techn...
G5920 GMT-G5920 Datasheet
681Kb / 9P
   Ultra Low-Dropout, Constant-Current White LED Bias
logo
List of Unclassifed Man...
T6326A ETC2-T6326A Datasheet
34Kb / 6P
   Low-Dropout, Constant-Current White LED with Channel Control
logo
Texas Instruments
LM2793 TI1-LM2793 Datasheet
281Kb / 12P
[Old version datasheet]   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
Agamem Microelectronic ...
AA1700 AGAMEM-AA1700 Datasheet
228Kb / 10P
   Constant Current White LED driver
logo
National Semiconductor ...
LM2793 NSC-LM2793 Datasheet
211Kb / 10P
   Low Noise White LED Constant Current Supply with Dual Function Brightness Control
logo
Texas Instruments
TPS61042EVM-226 TI-TPS61042EVM-226 Datasheet
244Kb / 22P
[Old version datasheet]   WHITE LIGHT LED BIAS SUPPLY EVM
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
   White LED Driver with Low Dropout Current Source
logo
National Semiconductor ...
LM3508 NSC-LM3508_08 Datasheet
1Mb / 14P
   Synchronous Magnetic Constant Current White LED Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com