Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358QDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV358QDR
Description  Low-Voltage Rail-to-Rail Output Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV358QDR Datasheet(HTML) 1 Page - Texas Instruments

  LMV358QDR Datasheet HTML 1Page - Texas Instruments LMV358QDR Datasheet HTML 2Page - Texas Instruments LMV358QDR Datasheet HTML 3Page - Texas Instruments LMV358QDR Datasheet HTML 4Page - Texas Instruments LMV358QDR Datasheet HTML 5Page - Texas Instruments LMV358QDR Datasheet HTML 6Page - Texas Instruments LMV358QDR Datasheet HTML 7Page - Texas Instruments LMV358QDR Datasheet HTML 8Page - Texas Instruments LMV358QDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
IN–
IN+
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV358, LMV321, LMV324, LMV324S
SLOS263W – AUGUST 1999 – REVISED OCTOBER 2014
LMV3xx Low-Voltage Rail-to-Rail Output Operational Amplifiers
1 Features
3 Description
The LMV321, LMV358, LMV324, and LMV324S
1
2.7-V and 5-V Performance
devices are single, dual, and quad low-voltage
–40°C to 125°C Operation
(2.7 V to 5.5 V) operational amplifiers with rail-to-rail
Low-Power Shutdown Mode (LMV324S)
output swing. These devices are the most cost-
effective solutions for applications where low-voltage
No Crossover Distortion
operation, space saving, and low cost are needed.
Low Supply Current
These amplifiers are designed specifically for low-
LMV321: 130
μA Typ
voltage (2.7 V to 5 V) operation, with performance
specifications meeting or exceeding the LM358 and
LMV358: 210
μA Typ
LM324 devices that operate from 5 V to 30 V. With
LMV324: 410
μA Typ
package sizes down to one-half the size of the
LMV324S: 410
μA Typ
DBV (SOT-23) package, these devices can be used
Rail-to-Rail Output Swing
for a variety of applications.
ESD Protection Exceeds JESD 22
Device Information(1)
2000-V Human-Body Model
PART NUMBER
PACKAGE (PIN)
BODY SIZE
1000-V Charged-Device Model
LMV324
SOIC (14)
8.65 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
2 Applications
LMV321
SC-70 (5)
2.00 mm × 1.25 mm
Desktop PCs
VSSOP (8)
2.30 mm × 2.00 mm
HVAC: Heating, Ventilating, and Air Conditioning
LMV358
VSSOP (8)
3.00 mm × 3.00 mm
Motor Control: AC Induction
TSSOP (8)
3.00 mm × 4.40 mm
Netbooks
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Portable Media Players
Power: Telecom DC/DC Module: Digital
Pro Audio Mixers
Refrigerators
Washing Machines: High-End and Low-End
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV358QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV358QDR TI-LMV358QDR Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDR TI-LMV358QDR Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDR TI-LMV358QDR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDR TI-LMV358QDR Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358QDR TI-LMV358QDR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358QDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV821-Q1 TI1-LMV821-Q1 Datasheet
821Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_07 Datasheet
928Kb / 32P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com