Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV324M
Description  Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV324M Datasheet(HTML) 1 Page - Texas Instruments

  LMV324M Datasheet HTML 1Page - Texas Instruments LMV324M Datasheet HTML 2Page - Texas Instruments LMV324M Datasheet HTML 3Page - Texas Instruments LMV324M Datasheet HTML 4Page - Texas Instruments LMV324M Datasheet HTML 5Page - Texas Instruments LMV324M Datasheet HTML 6Page - Texas Instruments LMV324M Datasheet HTML 7Page - Texas Instruments LMV324M Datasheet HTML 8Page - Texas Instruments LMV324M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMV321-N, LMV321-N-Q1, LMV358-N
LMV358-N-Q1, LMV324-N, LMV324-N-Q1
SNOS012J – AUGUST 2000 – REVISED DECEMBER 2014
LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output
Operational Amplifiers
1 Features
3 Description
The LMV358-N and LMV324-N are low-voltage (2.7 V
1
(For V+ = 5 V and V= 0 V, Unless Otherwise
to 5.5 V) versions of the dual and quad commodity op
Specified)
amps LM358 and LM324 (5 V to 30 V). The LMV321-
LMV321-N, LMV358-N, and LMV324-N are
N is the single channel version. The LMV321-N,
available in Automotive AEC-Q100 Grade 1 and 3
LMV358-N, and LMV324-N are the most cost-
versions
effective solutions for applications where low-voltage
operation,
space
efficiency,
and
low
price
are
Ensured 2.7-V and 5-V Performance
important. They offer specifications that meet or
No Crossover Distortion
exceed the familiar LM358 and LM324. The LMV321-
Industrial Temperature Range
−40°C to +125°C
N, LMV358-N, and LMV324-N have rail-to-rail output
Gain-Bandwidth Product 1 MHz
swing capability and the input common-mode voltage
range includes ground. They all exhibit excellent
Low Supply Current
speed to power ratio, achieving 1 MHz of bandwidth
LMV321-N 130
μA
and 1-V/µs slew rate with low supply current.
LMV358-N 210
μA
Device Information(1)
LMV324-N 410
μA
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Rail-to-Rail Output Swing At 10 k
Ω V+− 10 mV &
SOT-23 (5)
2.90 mm x 1.60 mm
V+ 65 mV
LMV321-N
SC70 (5)
2.00 mm x 1.25 mm
VCM Range −0.2 V to V
+− 0.8 V
LMV321-N-Q1
SOT-23 (5)
2.90 mm x 1.60 mm
SOIC (14)
8.65 mm x 3.91 mm
2 Applications
LMV324-N
TSSOP (14)
5.00 mm x 4.40 mm
Active Filters
SOIC (14)
8.65 mm x 3.91 mm
General Purpose Low Voltage Applications
LMV324-N-Q1
TSSOP (14)
5.00 mm x 4.40 mm
General Purpose Portable Devices
SOIC (8)
4.90 mm x 3.91 mm
LMV358-N
VSSOP (8)
3.00 mm x 3.00 mm
SOIC (8)
4.90 mm x 3.91 mm
LMV358-N-Q1
VSSOP (8)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Gain and Phase vs. Capacitive Load
Output Voltage Swing vs. Supply Voltage
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMV324M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV324M NSC-LMV324M Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV324M TI1-LMV324M Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
LMV324M TI1-LMV324M Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
National Semiconductor ...
LMV324M NSC-LMV324M Datasheet
2Mb / 45P
   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV324M/NOPB TI1-LMV324M/NOPB Datasheet
2Mb / 44P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
More results

Similar Description - LMV324M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com