Electronic Components Datasheet Search |
|
JANTXV1N759ATR-1 Datasheet(PDF) 2 Page - Microsemi Corporation |
|
JANTXV1N759ATR-1 Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 3 page Silicon 500 mW Zener Diodes SCOTTSD A L E DIVISION 1N746 thru 1N759A, -1 and 1N4370 thru 1N4372A, -1 DO-35 ELECTRICAL CHARACTERISTICS* @ 25oC MAXIMUM REVERSE CURRENT IR @ VR = 1 VOLT NOMINAL ZENER VOLTAGE VZ @ IZT (NOTE 2) ZENER TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ZZT @ IZT (NOTE 3) @25ºC @+150ºC MAXIMUM ZENER CURRENT IZM (NOTE 4) TYPICAL TEMP COEFF. OF ZENER VOLTAGE αVZ JEDEC TYPE NO. (NOTE1) VOLTS mA OHMS µA µA mA %/ oC 1N4370 1N4371 1N4372 2.4 2.7 3.0 20 20 20 30 30 29 100 75 50 200 150 100 150 135 120 -.085 -.080 -.075 1N746 1N747 1N748 3.3 3.6 3.9 20 20 20 28 24 23 10 10 10 30 30 30 110 100 95 -.066 -.058 -.046 1N749 1N750 1N751 1N752 4.3 4.7 5.1 5.6 20 20 20 20 22 19 17 11 2 2 1 1 30 30 20 20 85 75 70 65 -.033 -.015 +/-.010 +.030 1N753 1N754 1N755 1N756 6.2 6.8 7.5 8.2 20 20 20 20 7 5 6 8 .1 .1 .1 .1 20 20 20 20 60 55 50 45 +.049 +.053 +.057 +.060 1N757 1N758 1N759 9.1 10.0 12.0 20 20 20 10 17 30 .1 .1 .1 20 20 20 40 35 30 +.061 +.062 +.062 * JEDEC Registered Data NOTE 1: Standard tolerance on JEDEC types shown is +/- 10%. Suffix letter A denotes +/- 5% tolerance; suffix letter C denotes +/- 2%; and suffix letter D denotes +/- 1% tolerance. NOTE 2: Voltage measurements to be performed 20 seconds after application of dc test current. NOTE 3: Zener impedance derived by superimposing on IZT, a 60 cps, rms ac current equal to 10% IZT (2mA ac). See MicroNote 202 for typical zener Impedance variation with different operating currents. NOTE 4: Allowance has been made for the increase in VZ due to ZZ and for the increase in junction temperature as the unit approaches thermal equilibrium at the power dissipation of 400 mW. GRAPHS TL – LEAD TEMPERATURE ( oC) 3/8” FROM BODY or NOMINAL ZENER VOLTAGE (VOLTS) TA on FR4 PC BOARD FIGURE 1 FIGURE 2 POWER DERATING CURVE ZENER VOLTAGE TEMPERATURE COEFFICIENT vs. ZENER VOLTAGE Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2003 10-31-2003 REV B |
Similar Part No. - JANTXV1N759ATR-1 |
|
Similar Description - JANTXV1N759ATR-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |