Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAP227K006CRW Datasheet(PDF) 3 Page - AVX Corporation

Part # TAP227K006CRW
Description  SOLID TANTALUM RESIN DIPPED CAPACITORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAP227K006CRW Datasheet(HTML) 3 Page - AVX Corporation

  TAP227K006CRW Datasheet HTML 1Page - AVX Corporation TAP227K006CRW Datasheet HTML 2Page - AVX Corporation TAP227K006CRW Datasheet HTML 3Page - AVX Corporation TAP227K006CRW Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
194
194
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 330 μF
Capacitance Tolerance:
±20%; ±10% (±5% consult your AVX representative for details)
Rated Voltage DC (V
R)
+85°C:
6.3
10
16
20
25
35
50
Category Voltage (V
C)
+125°C:
4
6.3
10
13
16
23
33
Surge Voltage (V
S)
+85°C:
8
13
20
26
33
46
65
Surge Voltage (V
S)
+125°C:
5
9
12
16
21
28
40
Temperature Range:
-55°C to +125°C
Environmental Classification:
55/125/56 (IEC 68-2)
Dissipation Factor:
0.04 for C
R 0.1-1.5μF
0.06 for C
R 2.2-6.8μF
0.08 for C
R 10-68μF
0.10 for C
R 100-330μF
Reliability:
1% per 1000 hrs. at 85°C with 0.1Ω/V series impedance, 60% confidence level.
Qualification:
CECC 30201 - 032
Capacitance
Rated voltage DC (V
R)
μF
Code
6.3V
10V
16V
20V
25V
35V
50V
0.10
104
AA
0.15
154
AA
0.22
224
AA
0.33
334
AA
0.47
474
AA
0.68
684
AB
1.0
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
R
330
337
P
R
Values outside this standard range may be available on request.
AVX reserves the right to supply capacitors to a higher voltage rating, in the same case size, than that ordered.
MARKING
Polarity, capacitance, rated DC voltage, and an "A" (AVX
logo) are laser marked on the capacitor body which is made
of flame retardant gold epoxy resin with a limiting oxygen
index in excess of 30 (ASTM-D-2863).
• Polarity
• Capacitance
• Voltage
• AVX logo
• Tolerance code:
±20% = Standard (no marking)
±10% = “K” on reverse side of unit
±5%
= “J” on reverse side of unit
16
10
μ
A
+
Dipped Radial Capacitors
TAP Series
TECHNICAL SPECIFICATIONS
CAPACITANCE AND RATED VOLTAGE RANGE
(LETTER DENOTES CASE SIZE)


Similar Part No. - TAP227K006CRW

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAP227K010CRW AVX-TAP227K010CRW Datasheet
118Kb / 3P
   Dipped Radial Capacitors TAP Series
More results

Similar Description - TAP227K006CRW

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NDTM NIC-NDTM Datasheet
214Kb / 3P
   Resin Dipped, Solid Tantalum Capacitors
logo
Panasonic Semiconductor
ECS-F0JE106K PANASONIC-ECS-F0JE106K Datasheet
280Kb / 4P
   Resin-dipped type tantalum solid electrolytic capacitors
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Vishay Siliconix
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com