Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860010373009 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 860010373009
Description  WCAP-ATG8 Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

860010373009 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  860010373009 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 860010373009 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ATG8 Aluminum Electrolytic
Capacitors
Order.- No.
860010373009
SIZE
A4
Size: 6.3 x 11.0
Component Marking:
Print
1st Line
2nd Line
3rd Line
4th Line
Description
Capacitance value: 180 µF & Rated voltage: 16 V (DC)
WCAP-ATG8 & max. operating temperature +85°C
Datecode: YWW
VENT marking
D2 Multiplier for Ripple Current vs. Frequency:
C [µF]/ Frequency [Hz]
C ≤ 10
10 < C ≤ 100
100 < C ≤ 1000
1000 < C
60 (50)
0.80
0.90
0.10
0.11
120
1.00
1.00
1.00
1.00
400
1.30
1.23
1.16
1.11
1000
1.45
1.36
1.25
1.17
10000
1.65
1.48
1.35
1.25
50000-100000
1.70
1.53
1.38
1.28
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 860010373009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860010373007 WURTH-860010373007 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010373008 WURTH-860010373008 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
More results

Similar Description - 860010373009

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860010672011 WURTH-860010672011 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010280025 WURTH-860010280025 Datasheet
486Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010573007 WURTH-860010573007 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010372005 WURTH-860010372005 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010672005 WURTH-860010672005 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010681031 WURTH-860010681031 Datasheet
486Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010772006 WURTH-860010772006 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010780027 WURTH-860010780027 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010472004 WURTH-860010472004 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010772002 WURTH-860010772002 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
860010773010 WURTH-860010773010 Datasheet
487Kb / 7P
   WCAP-ATG8 Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com