Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003S8Z-27 Datasheet(PDF) 9 Page - Intersil Corporation

Part # X4003S8Z-27
Description  CPU Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003S8Z-27 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button X4003S8Z-27 Datasheet HTML 5Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 6Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 7Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 8Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 9Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 10Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 11Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 12Page - Intersil Corporation X4003S8Z-27 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN8113.2
June 30, 2008
performed. When the R/W bit is a one, then a read
operation is selected. A zero selects a write operation.
Refer to Figure 9.
• After loading the entire slave address byte from the SDA
bus, the device compares the input slave byte data to the
proper slave byte. Upon a correct compare, the device
outputs an acknowledge on the SDA line.
Write Control Register
To write to the control register, the device requires the slave
address byte and a byte address. This gives the master
access to register. After receipt of the address byte, the
device responds with an acknowledge, and awaits the data.
After receiving the 8 bits of the data byte, the device again
responds with an acknowledge. The master then terminates
the transfer by generating a stop condition, at which time the
device begins the internal write cycle to the nonvolatile memory.
During this internal write cycle, the device inputs are disabled,
so the device will not respond to any requests from the master.
If WP is HIGH, the control register cannot be changed. A write
to the control register will suppress the acknowledge bit and no
data in the control register will change. With WP low, a second
byte written to the control register terminates the operation and
no write occurs.
Stops and Write Modes
Stop conditions that terminate write operations must be sent by
the master after sending 1 full data byte plus the subsequent
ACK signal. If a stop is issued in the middle of a data byte, or
before 1 full data byte plus its associated ACK is sent, then the
device will reset itself without performing the write.
Serial Read Operations
The read operation allows the master to access the control
register. To conform to the I2C standard, prior to issuing the
slave address byte with the R/W bit set to one, the master
must first perform a “dummy” write operation. The master
issues the start condition and the slave address byte,
receives an acknowledge, then issues the byte address.
After acknowledging receipt of the byte address, the master
immediately issues another start condition and the slave
address byte with the R/W bit set to one. This is followed by
an acknowledge from the device and then by the eight bit
control register. The master terminates the read operation by
not responding with an acknowledge and then issuing a stop
condition. Refer to Figure 10 for the address, acknowledge,
and data transfer sequences.
Operational Notes
The device powers-up in the following state:
• The device is in the low power standby state.
• The WEL bit is set to ‘0’. In this state it is not possible to
write to the device.
• SDA pin is the input mode.
RESET/RESET signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
• The WEL bit must be set to allow a write operation.
• The proper clock count and bit sequence is required prior
to the stop bit in order to start a nonvolatile write cycle.
• A three step sequence is required before writing into the
control register to change watchdog timer or block lock
settings.
• The WP pin, when held HIGH, prevents all writes to the
control register.
• Communication to the device is inhibited below the VTRIP
voltage.
• Command to change the control register are terminated if
in-progress when RESET/RESET go active.
Symbol Table
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
SLAVE
ADDRESS
BYTE
ADDRESS
A
C
K
A
C
K
S
T
A
R
T
S
T
O
P
SLAVE
ADDRESS
DATA
A
C
K
S
T
A
R
T
SDA BUS
SIGNALS
FROM THE
SLAVE
SIGNALS
FROM THE
MASTER
0
1
0
0
1
1
0
11
1
1
1
1
1
1
11
1
0
0
1
1
0
1
FIGURE 10. CONTROL REGISTER READ SEQUENCE
X4003, X4005


Similar Part No. - X4003S8Z-27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X4003S8Z-2.7 RENESAS-X4003S8Z-2.7 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003S8Z-2.7 INTERSIL-X4003S8Z-2.7 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X4003S8Z-2.7A INTERSIL-X4003S8Z-2.7A Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003S8Z-2.7A RENESAS-X4003S8Z-2.7A Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003S8Z-2.7A INTERSIL-X4003S8Z-2.7A Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
More results

Similar Description - X4003S8Z-27

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com