Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN61D8LVTQ-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMN61D8LVTQ-7
Description  Provides a reliable and robust interface between sensitive logic and DC relay coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8LVTQ-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMN61D8LVTQ-7 Datasheet HTML 1Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 2Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 3Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 4Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 5Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 6Page - Diodes Incorporated DMN61D8LVTQ-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMN61D8LVTQ
Document number: DS37822 Rev. 2 - 2
6 of 7
www.diodes.com
September 2015
© Diodes Incorporated
DMN61D8LVTQ
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
TSOT26
Dim
Min
Max
Typ
A

1.00
A1
0.01
0.10
A2
0.84
0.90
D
2.90
E
2.80
E1
1.60
b
0.30
0.45
c
0.12
0.20
e
0.95
e1
1.90
L
0.30
0.50
L2
0.25
θ
θ1
12°
All Dimensions in mm
Dimensions Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
c
A1
L
E1
E
A2
D
e1
e
6x b
4x 1

L2
A
Y1
C
C
X (6x)
Y (6x)


Similar Part No. - DMN61D8LVTQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ-7 DIODES-DMN61D8LVTQ-7 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results

Similar Description - DMN61D8LVTQ-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8L DIODES-DMN61D8L Datasheet
510Kb / 9P
   Provides a more reliable and robust interface between sensitive logic and DC relay coils.
logo
Zilog, Inc.
Z84C2006VEC ZILOG-Z84C2006VEC Datasheet
1Mb / 16P
   Provides a direct interface between Z80 microcomputer systems and peripheral devices
Z84C2010VEG ZILOG-Z84C2010VEG Datasheet
1Mb / 16P
   PROVIDES A DIRECT INTERFACE BETWEEN Z80 MICROCOMPUTER SYSTEMS AND PERIPHERAL DEVICES
logo
ADTech
ADT1210NA ADTECH-ADT1210NA Datasheet
44Kb / 1P
   provides the interface between logic and IR signals for through-air, serial and half-duplex IR wireless data links
logo
Silicon Laboratories
SI5315 SILABS-SI5315 Datasheet
416Kb / 54P
   Provides jitter attenuation and frequency translation between SONET/PDH and Ethemet
logo
Power-One
MAP80 POWER-ONE-MAP80_06 Datasheet
135Kb / 4P
   power supplies provides reliable, tightly-regulated DC
logo
Littelfuse
PGR-4700 LITTELFUSE-PGR-4700 Datasheet
407Kb / 1P
   The PGR-4700 Sensitive Ground-Fault Relay provides
logo
Power-One
MAP55 POWER-ONE-MAP55_06 Datasheet
111Kb / 3P
   power supplies provides reliable, tightly-regulated DC
logo
TE Connectivity Ltd
KCP TEC-KCP Datasheet
326Kb / 2P
   DC current sensitive relay
logo
STMicroelectronics
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com