Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN62D0UW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN62D0UW
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN62D0UW Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN62D0UW Datasheet HTML 1Page - Diodes Incorporated DMN62D0UW Datasheet HTML 2Page - Diodes Incorporated DMN62D0UW Datasheet HTML 3Page - Diodes Incorporated DMN62D0UW Datasheet HTML 4Page - Diodes Incorporated DMN62D0UW Datasheet HTML 5Page - Diodes Incorporated DMN62D0UW Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMN62D0UW
Document number: DS38028 Rev. 1 - 2
3 of 6
www.diodes.com
August 2015
© Diodes Incorporated
DMN62D0UW
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
4
5
V
DS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS=1.3V
V
GS=1.5V
V
GS=1.8V
V
GS=2.0V
V
GS=2.5V
V
GS=3.0V
V
GS=4.5V
0
0.2
0.4
0.6
0.8
0.5
1
1.5
2
2.5
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
DS=5V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=150℃
T
A=125℃
1
1.5
2
2.5
3
0
5
10
15
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
D=100mA
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
I
D, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
V
GS=2.5V
V
GS=4.5V
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Junction
Temperature
V
GS=2.5V, ID=50mA
V
GS=4.5V, ID=100mA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.2
0.4
0.6
0.8
1
I
D, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
V
GS= 4.5V
T
A=-55℃
T
A=25℃
T
A=85℃
T
A=150℃
T
A=125℃


Similar Part No. - DMN62D0UW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN62D0UW DIODES-DMN62D0UW Datasheet
537Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UW-13 DIODES-DMN62D0UW-13 Datasheet
537Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UW-7 DIODES-DMN62D0UW-7 Datasheet
537Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMN62D0UW DIODES-DMN62D0UW_16 Datasheet
537Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN62D0UW

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com