Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6040SVTQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN6040SVTQ
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6040SVTQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN6040SVTQ Datasheet HTML 1Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 2Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 3Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 4Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 5Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 6Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 7Page - Diodes Incorporated DMN6040SVTQ Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DMN6040SVTQ
Document number: DS38508 Rev. 1 - 2
5 of 8
www.diodes.com
December 2015
© Diodes Incorporated
DMN6040SVTQ
0
0.5
1.0
1.5
2.0
2.5
3.0
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 4 Typical Output Characteristic
DS
0
4
8
12
16
20
0
1
2
3
4
5
V
, GATE-SOURCE VOLTAGE
GS
Fig. 5 Typical Transfer Characteristics
0
4
8
12
16
20
V
= 5.0V
DS
T = 150°C
A
T = 125°C
A
T = 85°C
A
T = 25°C
A
T = -55°C
A
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0
4
8
12
16
20
I , DRAIN-SOURCE CURRENT
D
Fig. 6 Typical On-Resistance vs.
Drain Current and Gate Voltage
V
= 4.5V
GS
V
= 10V
GS
0
0.02
0.04
0.06
0.08
0.10
0
1
2
3
4
5
6
7
8
9
10
V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 7 Typical On-Resistance vs.
Drain Current and Gate Voltage
I = 4.5A
D
I = 3.5A
D
0
4
8
12
16
20
I , DRAIN CURRENT
D
Fig. 8 Typical On-Resistance vs.
Drain Current and Temperature
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
= 4.5V
GS
T = -55°C
A
0.2
0.4
0.6
0.8
1.2
1.4
1.6
1.8
2.2
2.4
2.0
1.0
0
50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
Fig. 9 On-Resistance Variation with Temperature
J
V
= 4.5V
I = 5A
GS
D
V
=
V
I = 10A
GS
D
10


Similar Part No. - DMN6040SVTQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6040SVT DIODES-DMN6040SVT Datasheet
205Kb / 7P
   Low Input Capacitance
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   Low Input Capacitance
DMN6040SVT DIODES-DMN6040SVT_15 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN6040SVTQ

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com