Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMT6009LFG-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT6009LFG-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT6009LFG-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT6009LFG-13 Datasheet HTML 1Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 2Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 3Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 4Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 5Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 6Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 7Page - Diodes Incorporated DMT6009LFG-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DMT6009LFG
Document number: DS37741 Rev. 2 - 2
6 of 8
www.diodes.com
November 2015
© Diodes Incorporated
DMT6009LFG
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
RθJA(t)=r(t) * RθJA
RθJA=+117°C/W
Duty Cycle, D=t1/t2
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.7
D=0.9


Similar Part No. - DMT6009LFG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT6009LCT DIODES-DMT6009LCT Datasheet
590Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMT6009LCT ISC-DMT6009LCT Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMT6009LK3 DIODES-DMT6009LK3 Datasheet
554Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6009LK3-13 DIODES-DMT6009LK3-13 Datasheet
554Kb / 6P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT6009LPS DIODES-DMT6009LPS Datasheet
644Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMT6009LFG-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com