Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQP03TN3N2BZ2B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQP03TN3N2BZ2B
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQP03TN3N2BZ2B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQP03TN3N2BZ2B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQP03TN3N2BZ2B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQP03TN3N2BZ2#
# indicates a package specification code.
< List of part numbers with package codes >
LQP03TN3N2BZ2D , LQP03TN3N2BZ2J , LQP03TN3N2BZ2B
Shape
L size
0.6 ±0.03mm
W size
0.3 ±0.03mm
T size
0.3 ±0.03mm
Size code in inch (mm)
0201 (0603)
Specifications
Inductance
3.2nH ±0.1nH
Inductance test frequency
500MHz
Rated current (Itemp) (Based on Temperature rise)
450mA
Max. of DC resistance
0.25Ω
Q (min.)
14
Q test frequency
500MHz
Self resonance frequency (min.)
8000MHz
Operating temperature range (Self-temperature rise is not included)
-55∼125℃
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
15000
φ330mm Paper taping
50000
Packing in bulk
500
Mass (Typ.)
1 piece
0.0002g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/01/11


Similar Part No. - LQP03TN3N2BZ2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP03TN3N2B00 MURATA-LQP03TN3N2B00 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQP03TN3N2B02 MURATA-LQP03TN3N2B02 Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N2B02 MURATA-LQP03TN3N2B02 Datasheet
72Kb / 2P
   Inductance
logo
TriQuint Semiconductor
LQP03TN3N2B02 TRIQUINT-LQP03TN3N2B02 Datasheet
3Mb / 16P
   WiFi/LTE BAW Diplexer
logo
Murata Manufacturing Co...
LQP03TN3N2B02D MURATA-LQP03TN3N2B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results

Similar Description - LQP03TN3N2BZ2B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com