Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25JPF30 Datasheet(PDF) 4 Page - International Rectifier

Part # 25JPF30
Description  25Amp Fast Recovery Dual Center Tap Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25JPF30 Datasheet(HTML) 4 Page - International Rectifier

  25JPF30 Datasheet HTML 1Page - International Rectifier 25JPF30 Datasheet HTML 2Page - International Rectifier 25JPF30 Datasheet HTML 3Page - International Rectifier 25JPF30 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 25JPF30

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
25J SHUNYE-25J Datasheet
189Kb / 2P
   SOZA CELL
logo
List of Unclassifed Man...
25J ETC-25J Datasheet
340Kb / 2P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std
logo
Ohmite Mfg. Co.
25J10RE OHMITE-25J10RE Datasheet
194Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
25J10RE OHMITE-25J10RE Datasheet
207Kb / 1P
   Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
25J10RE OHMITE-25J10RE Datasheet
328Kb / 2P
   All-welded construction.
More results

Similar Description - 25JPF30

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16CPF10 IRF-16CPF10 Datasheet
243Kb / 4P
   16 AMP FAST RECOVERY DUAL CENTER TAP RECTIFIERS
logo
NTE Electronics
NTE623 NTE-NTE623 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE627 NTE-NTE627 Datasheet
17Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
NTE629 NTE-NTE629 Datasheet
18Kb / 2P
   Silicon Rectifier Fast Recovery, Dual, Center Tap
logo
Microsemi Corporation
681 MICROSEMI-681_07 Datasheet
131Kb / 2P
   Center Tap & Doubler Assemblies Standard & Fast Recovery
logo
International Rectifier
28CPQ IRF-28CPQ Datasheet
181Kb / 4P
   28Amp Dual Schottky Center Tap Rectifiers
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
   AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Frontier Electronics.
BCT8-005 FRONTIER-BCT8-005 Datasheet
125Kb / 2P
   8A CENTER TAP RECTIFIERS
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
   8A CENTER TAP RECTIFIERS
logo
NTE Electronics
NTE6240 NTE-NTE6240 Datasheet
20Kb / 2P
   Silicon Rectifier Super Fast, Dual, Center Tap
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com