Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMTH4005SPS Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMTH4005SPS
Description  40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4005SPS Datasheet(HTML) 6 Page - Diodes Incorporated

  DMTH4005SPS Datasheet HTML 1Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 2Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 3Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 4Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 5Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 6Page - Diodes Incorporated DMTH4005SPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMTH4005SPS
Document number: DS38150 Rev. 2 - 2
6 of 7
www.diodes.com
November 2015
© Diodes Incorporated
DMTH4005SPS
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
POWERDI
®5060-8
POWERDI
®5060-8
Dim
Min
Max
Typ
A
0.90
1.10
1.00
A1
0.00
0.05
-
b
0.33
0.51
0.41
b2
0.200
0.350
0.273
b3
0.40
0.80
0.60
c
0.230
0.330
0.277
D
5.15 BSC
D1
4.70
5.10
4.90
D2
3.70
4.10
3.90
D3
3.90
4.30
4.10
E
6.15 BSC
E1
5.60
6.00
5.80
E2
3.28
3.68
3.48
E3
3.99
4.39
4.19
e
1.27 BSC
G
0.51
0.71
0.61
K
0.51
-
-
L
0.51
0.71
0.61
L1
0.100
0.200
0.175
M
3.235
4.035
3.635
M1
1.00
1.40
1.21
θ
10º
12º
11º
θ1
All Dimensions in mm
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI
®5060-8
Dimensions
Value (in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
4.100
X2
0.755
X3
4.420
X4
5.610
Y
1.270
Y1
0.600
Y2
1.020
Y3
0.295
Y4
1.825
Y5
3.810
Y6
0.180
Y7
6.610
Y7
X3
Y2
Y5
X1
G1
X
C
Y(4x)
G
X2
Y3
Y4
Y6
X4
Y1
D1
E1
A
L
K
M
L1
D2
G
E2
Detail A
0(4X)
A1
c
e
D
E
1
Detail A
b (8X)
e/2
1
01 (4X)
M1
b2 (4X)
b3 (4X)
E3
D3


Similar Part No. - DMTH4005SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4005SPS DIODES-DMTH4005SPS Datasheet
519Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4005SPS-13 DIODES-DMTH4005SPS-13 Datasheet
519Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4005SPSQ DIODES-DMTH4005SPSQ Datasheet
594Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4005SPSQ-13 DIODES-DMTH4005SPSQ-13 Datasheet
594Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4005SPS DIODES-DMTH4005SPS_17 Datasheet
519Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMTH4005SPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4004SPS DIODES-DMTH4004SPS Datasheet
431Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SPS DIODES-DMTH4007SPS Datasheet
396Kb / 8P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SCTB DIODES-DMTH4004SCTB Datasheet
701Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4006SK3 DIODES-DMNH4006SK3 Datasheet
652Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004LPS DIODES-DMTH4004LPS Datasheet
559Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPS DIODES-DMTH4004SPS_17 Datasheet
530Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4007SK3 DIODES-DMTH4007SK3 Datasheet
393Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3 DIODES-DMNH4011SK3 Datasheet
545Kb / 6P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMNH4011SK3Q DIODES-DMNH4011SK3Q Datasheet
493Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
DMTH4004SPSQ DIODES-DMTH4004SPSQ Datasheet
416Kb / 7P
   40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com