Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD5394A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD5394A
Description  Super High Performance 192kHz 24-Bit ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5394A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD5394A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5394A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ASAHI KASEI
[AK5394A]
MS0137-E-01
2002/07
- 3 -
Common PCB layout example between AK5393 and AK5394A
Pin#
AK5393
AK5394A
GNDL
VREFL
2
Connected to AGND
Connected to AGND with a 10uF electrolytic capacitor, and
connected to VREFL+ with a 0.22uF ceramic capacitor.
18
DFS
DFS0
20
TEST
DFS1
GNDR
VREFR
27
Connected to AGND
Connected to AGND with a 10uF electrolytic capacitor, and
connected to VREFR+ with a 0.22uF ceramic capacitor.
0.1u
0.22u
+
10u
VREFL+
1
GNDL
2
VCOML
3
AINL+
4
AINL-
5
ZCAL
6
VD
7
DGND
8
CAL
9
RSTN
10
SMODE2
11
SMODE1
12
VREFR+
28
GNDR
27
VCOMR
26
AINR+
25
AINR-
24
VA
23
AGND
22
BGND
21
TEST
20
HPFE
19
DFS
18
MCLK
17
AK5393
13
14
16
15
LRCK
SCLK
FSYNC
SDATA
+3.3~5V
Digital
10u
+
0.1u
+5V
Analog
0.1u
0.1u
(short )
0.22u
10u
+
+
10u
0.22u
10u
+
0.22u
+
10u
VREFL+
1
VREFL-
2
VCOML
3
AINL+
4
AINL-
5
ZCAL
6
VD
7
DGND
8
CAL
9
RSTN
10
SMODE2
11
SMODE1
12
VREFR+
28
VREFR-
27
VCOMR
26
AINR+
25
AINR-
24
VA
23
AGND
22
BGND
21
DFS1
20
HPFE
19
DFS0
18
MCLK
17
AK5394A
13
14
16
15
LRCK
SCLK
FSYNC
SDATA
+3.3~5V
Digital
10u
+
0.1u
+5V
Analog
0.1u
0.22u
10u
0.22u
10u
+
+
+
10u
(short )
(Analog
Ground)
(Analog
Ground)


Similar Part No. - AKD5394A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5394A AKM-AKD5394A Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
AKD5394A AKM-AKD5394A Datasheet
394Kb / 32P
   24bit A/D converter for professional audio
More results

Similar Description - AKD5394A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5394A AKM-AK5394A_05 Datasheet
191Kb / 25P
   Super High Performance 192kHz 24-Bit ?誇 ADC
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8785 WOLFSON-WM8785 Datasheet
321Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
   24-Bit 192kHz ?誇 ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com