Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JCT100-20 Datasheet(PDF) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # JCT100-20
Description  SCR Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

JCT100-20 Datasheet(HTML) 2 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  JCT100-20 Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd JCT100-20 Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
江苏捷捷微电子股份有限公司
SDM57Z##
电话:+86-513-83639777
- 2 / 2-
网址:http://www.jjwdz.com
门极触发电压
VD=12V
RL=30Ω
VGT
≤1.5
V
门极不触发电压
VD=VDRM
Tj=125℃
VGD
≥0.25
V
断态电压临界上升率
VD=2/3VDRM
Tj=125℃
门极开路
dV/dt
≥1000
V/uS
○产品尺寸及特征
硅片尺寸
4inch
硅片厚度
420um
芯片尺寸
12.4mm×12.4mm
正面(门极、阴极)金属电极
AL 或 Ti-Ni-Ag
背面(阳极)金属电极
Ti-Ni-Ag
满版芯片个数
37 只
K
G
12400
11340
11270
11330
G
K
A
( T i - N i - A g )
JCT100 芯片结构图(单位:um)
K
G
A
器件线路符号
○产品信息


Similar Part No. - JCT100-20

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
JCT1025 JIEJIE-JCT1025 Datasheet
373Kb / 6P
   25A SCRs
JCT1025B JIEJIE-JCT1025B Datasheet
373Kb / 6P
   25A SCRs
JCT1025C JIEJIE-JCT1025C Datasheet
373Kb / 6P
   25A SCRs
JCT1031 JIEJIE-JCT1031 Datasheet
205Kb / 1P
   SCR Chip
JCT1055 JIEJIE-JCT1055 Datasheet
213Kb / 1P
   SCR Chip
More results

Similar Description - JCT100-20

ManufacturerPart #DatasheetDescription
logo
JIEJIE MICROELECTRONICS...
CGT110 JIEJIE-CGT110 Datasheet
292Kb / 2P
   SCR Chip
JCT175 JIEJIE-JCT175 Datasheet
275Kb / 2P
   SCR Chip
JCT620 JIEJIE-JCT620 Datasheet
214Kb / 1P
   SCR Chip
JCT1031 JIEJIE-JCT1031 Datasheet
205Kb / 1P
   SCR Chip
CGT200 JIEJIE-CGT200 Datasheet
321Kb / 2P
   SCR Chip
JX010 JIEJIE-JX010 Datasheet
248Kb / 1P
   SCR Chip
JCT045 JIEJIE-JCT045 Datasheet
278Kb / 2P
   SCR Chip
JCT135 JIEJIE-JCT135 Datasheet
274Kb / 2P
   SCR Chip
JX060 JIEJIE-JX060 Datasheet
274Kb / 1P
   SCR Chip
CGT150 JIEJIE-CGT150 Datasheet
300Kb / 2P
   SCR Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com