Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-PNT2.0U3GB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HD-PNT2.0U3GB
Description  USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD-PNT2.0U3GB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HD-PNT2.0U3GB Datasheet HTML 1Page - List of Unclassifed Manufacturers HD-PNT2.0U3GB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
USB 3.0 Portable Hard Drive with
Data Encryption, Shock
Protection
HD-PNTU3 Series
USB 3.0 Portable Hard Drive with Data Encryption, Shock Protection
500GB
- Backward compatible - 5 Gbps USB 3.0
and 480Mbps USB 2.0 connections
- Shock-Proof Chassis - Shock protection elements
surround the hard drive, protecting it from damage
- Automatic Hardware encryption (for Windows) protects
your data from unauthorized access
- Compact and Lightweight - Super slim, lightweight
chassis saves space for ultimate portability with a
stylish, sophisticated design
- Connect and Go - Preformatted hard drive is ready for
immediate use with Windows®
- Works with PC and Mac - Connect to your computer for
additional storage or backup of your music, photo, video
- USB Powered - Perfect companion for your laptop or
netbook - no external power supply needed
- ecoManager - Eco minded power management tool
regulates power usage, conserving energy and reducing
battery consumption
- Back Up Your Files - Buffalo's Backup Utility for
automatic backup of your Windows PCs and Time
Machine® support for continuous backup of your Mac
computers
- 3 Year Warranty
1TB
BCN AWARD 2011
transfer rates by up to 3X* over competing USB 2.0 portable hard drives. TurboPC
also includes TurboCopy which draws on additional system adjustments to
increase performance substantially.
[Test Environment] Motherboard: ASUS P7P55D, CPU: Intel Core i7 860 (2.80 GHz), Memory: 4GB, OS:
of access and PC environment.
The MiniStation
incorporates a rugged
shock-proof case with
built-in springs and
air-cushioned, silicon
shock dampeners that
help prevent data loss from
accidental damage. All of this means worry-free use forbusiness and travel.
*Please do not drop or damage portable HDD intentionally.
Data Transfer up to 3X Faster
Shock Proof Chassis
Hardware Encryption
Data is automatically
encrypted when saving to the
MiniStation on encrypted
mode. The MiniStation also
requires password when
accessing data, this means
the double security layers
prevent unauthorized access. In the unlikely event that your MiniStation is
stolen or lost, this will prevent sensitive data from being leaked. This is an
importantfeature especially for business users. No reduction in performance when
using encryption due to BUFFALO's unique hardware designs.
*Password setting and cancellation can be done with attached software.
2TB


Similar Part No. - HD-PNT2.0U3GB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PA1.0TU3 ETC2-HD-PA1.0TU3 Datasheet
803Kb / 2P
   high performance portable hard drive featuring the revolutionary Thunderbolt technology.
HD-PA500TU3 ETC2-HD-PA500TU3 Datasheet
803Kb / 2P
   high performance portable hard drive featuring the revolutionary Thunderbolt technology.
HD-PATU3 ETC2-HD-PATU3 Datasheet
803Kb / 2P
   high performance portable hard drive featuring the revolutionary Thunderbolt technology.
HD-PCF500U3B ETC2-HD-PCF500U3B Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
HD-PCF500U3W ETC2-HD-PCF500U3W Datasheet
2Mb / 2P
   MiniStation portable USB 3.0 slim HDDs
More results

Similar Description - HD-PNT2.0U3GB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD-PZU3V2 ETC2-HD-PZU3V2 Datasheet
394Kb / 2P
   Ruggedized, Secure Portable USB 3.0 Hard Drive
logo
A-Data Technology
HV610 A-DATA-HV610 Datasheet
626Kb / 2P
   DashDrive HV610 Portable Hard Drive
logo
Coolgear Inc.
SS-128ASD COOLGEAR-SS-128ASD Datasheet
4Mb / 2P
   USB 3.0 to SATA or PATA Hard Drive Adapter
logo
Tripp Lite. All Rights ...
U357-025-2 TRIPPLITE-U357-025-2 Datasheet
171Kb / 3P
   Dual-Bay USB 3.0 SuperSpeed to 2.5 in. SATA III Portable Hard Drive RAID Enclosure with UASP Support
logo
A-Data Technology
HD710 A-DATA-HD710 Datasheet
811Kb / 1P
   DashDrive Dura HD710 Portable Hard Drive
HE720 A-DATA-HE720 Datasheet
553Kb / 2P
   DashDrive Elite HE720 Portable Hard Drive
logo
List of Unclassifed Man...
HDW-PU3 ETC2-HDW-PU3 Datasheet
455Kb / 2P
   Wi-Fi Portable HDD with USB 3.0
logo
Tripp Lite. All Rights ...
U357025R TRIPPLITE-U357025R Datasheet
527Kb / 2P
   USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
logo
Glenair, Inc.
808-001 GLENAIR-808-001 Datasheet
305Kb / 1P
   USB 3.0 Flash Drive
logo
PLX Technology
OXU810DSE PLX-OXU810DSE Datasheet
153Kb / 2P
   Dual Drive NAS System Device with Encryption
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com