Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P80C32NFPN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P80C32NFPN
Description  CMOS single-chip 8-bit microcontrollers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C32NFPN Datasheet(HTML) 5 Page - NXP Semiconductors

  P80C32NFPN Datasheet HTML 1Page - NXP Semiconductors P80C32NFPN Datasheet HTML 2Page - NXP Semiconductors P80C32NFPN Datasheet HTML 3Page - NXP Semiconductors P80C32NFPN Datasheet HTML 4Page - NXP Semiconductors P80C32NFPN Datasheet HTML 5Page - NXP Semiconductors P80C32NFPN Datasheet HTML 6Page - NXP Semiconductors P80C32NFPN Datasheet HTML 7Page - NXP Semiconductors P80C32NFPN Datasheet HTML 8Page - NXP Semiconductors P80C32NFPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Philips Semiconductors
Product specification
80C32/87C52
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
5
BLOCK DIAGRAM
PSEN
EA
ALE
RST
XTAL1
XTAL2
VCC
VSS
PORT 0
DRIVERS
PORT 2
DRIVERS
RAM ADDR
REGISTER
RAM
PORT 0
LATCH
PORT 2
LATCH
ROM/
EPROM
REGISTER
B
ACC
TMP2
TMP1
ALU
TIMING
AND
CONTROL
PD
OSCILLATOR
PSW
PORT 1
LATCH
PORT 3
LATCH
PORT 1
DRIVERS
PORT 3
DRIVERS
PROGRAM
ADDRESS
REGISTER
BUFFER
PC
INCRE-
MENTER
PROGRAM
COUNTER
DPTR
PCON
SCON
TMOD
TCON
T2CON
TH0
TL0
TH1
TL1
TH2
TL2
RCAP2H
RCAP2L
SBUF
IE
IP
INTERRUPT, SERIAL
PORT AND TIMER BLOCKS
P1.0–P1.7
P3.0–P3.7
P0.0–P0.7
P2.0–P2.7
STACK
POINTER
SU00064


Similar Part No. - P80C32NFPN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C32 PHILIPS-P80C32 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
logo
TEMIC Semiconductors
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
logo
Intel Corporation
P80C32 INTEL-P80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P80C32-1 INTEL-P80C32-1 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
P80C32-2 INTEL-P80C32-2 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - P80C32NFPN

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com