Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61FGPNL2KM Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 61FGPNL2KM
Description  Floatless Level Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61FGPNL2KM Datasheet(HTML) 2 Page - Omron Electronics LLC

  61FGPNL2KM Datasheet HTML 1Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 2Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 3Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 4Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 5Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 6Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 7Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 8Page - Omron Electronics LLC 61FGPNL2KM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
61F-GP-N
@
2
■ Compact Plug-in Models (11-pin Type)
Specifications
Note: 1. The length when using completely insulated, 600-V, 3-conductor (0.75 mm2) cabtire cables. Usable cable lengths will become shorter as
the cable diameter or number of conductors becomes larger. For details, refer to Safety Precautions for Floatless Level Controllers.
2. The insulation resistance and dielectric strength indicate values between power terminals and Electrode terminals, between power
terminals and contact terminals, and between Electrode terminals and contact terminals. For details, refer to Safety Precautions for
Floatless Level Controllers.
3. Possible to use with 15 k
Ω or less, however, this may cause reset failure.
4. 61F-GP-NH High-sensitivity Controller uses advanced operation.
When the power supply voltage is applied, if there are some liquids between the electrodes (ground and operation electrodes), the inter-
nal relay will not operate.
When the power supply voltage is applied, if there are no liquids between the electrodes (ground and operation electrodes), the internal
relay will operate.
If the advanced operation does not satisfy applications, consider using 61F-N8HY controller which uses sequential operation.
Item
General-purpose
Controller
61F-GP-N
High-
temperature
Controller
61F-GP-NT
Long-distance
Controllers
61F-GP-NL 2KM
(for 2 km)
61F-GP-NL 4KM
(for 4 km)
High-sensitivity
Controller
61F-GP-NH
(see note 4)
Low-sensitivity
Controller
61F-GP-ND
Two-wire
Controller
61F-GP-NR
Controlling materials
and operating condi-
tions
For control of ordi-
nary purified water
or sewage water
For control of ordi-
nary purified water
or sewage where
operating ambient
temperature is
high.
For control of ordi-
nary purified water
in cases where the
distance between
sewage pumps
and water tanks or
between receiver
tanks and supply
tanks is long or
where remote con-
trol is required.
For control of liq-
uids with high spe-
cific resistance
such as distilled
water
For control of liq-
uids with low spe-
cific resistance
such as salt water,
sewage water,
acid chemicals, al-
kali chemicals
For control of ordi-
nary purified water
or sewage water
used in combina-
tion with Two-wire
Electrode Holder
(incorporating a
resistor of 6.8 k
Ω)
Supply voltage
24, 100, 110, 120, 200, 220, 230 or 240 VAC; 50/60 Hz
Operating voltage
range
85% to 110% of rated voltage
Interelectrode voltage
8 VAC
Interelectrode current
Approx. 1 mA AC max.
Approx. 0.12 mA
AC max.
Approx. 1 mA AC max.
Power consumption
Approx. 3.5 VA max.
Interelectrode operate
resistance
0 to approx. 4 k
Ω 0 to approx. 4 kΩ 0 to approx. 1.3 kΩ
(for 2 km)
0 to approx. 0.5 k
Ω
(for 4 km)
Approx. 10 k
Ω to
approx. 40 k
Ω
(see note 3)
0 to approx.
1.3 k
Ω
0 to
approx. 2 k
Ω
Interelectrode release
resistance
Approx. 15 k to
∞Ω
Approx. 15 k to
∞Ω
4 k to
∞Ω (for 2
km)
2.5 k to
∞Ω (for 4
km)
Approx. 100 k to
∞Ω
Approx. 4 k to
∞Ω Approx. 15 k to
∞Ω
Response time
Operate:80 ms max.
Release:160 ms max.
Cable length
(see note 1)
1 km max.
600 m max.
2 km max.
4 km max.
50 m max.
1 km max.
800 m max.
Control output
1 A, 250 VAC (Inductive load: cos
φ = 0.4)
3 A, 250 VAC (Resistive load)
Ambient temperature
Operating:–10 to 55
°C (–10 to 70°C for high-temperature controller)
Ambient humidity
Operating:45% to 85% RH
Insulation resistance
(see note 2)
100 M
Ω min. (at 500 VDC)
Dielectric strength
(see note 2)
2000 VAC, 50/60 Hz for 1 min.
Life expectancy
Electrical:
100,000 operations min.
Mechanical: 5,000,000 operations min.
Weight
Approx. 155 g
Accessories
Hold-down clip PFC-N8


Similar Part No. - 61FGPNL2KM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F MSYSTEM-61F Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61FGPNL2KM

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
8PFA1 OMRON-8PFA1 Datasheet
471Kb / 11P
   Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com