Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61FGPN8D Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # 61FGPN8D
Description  Floatless Level Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

61FGPN8D Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button 61FGPN8D Datasheet HTML 2Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 3Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 4Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 5Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 6Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 7Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 8Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 9Page - Omron Electronics LLC 61FGPN8D Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
61F-GP-N
@
6
Replacing 61F-G3N Functions
Replacing 61F-G3N Functions (Automatic Water
Supply Control with Abnormal Water Increase and
Water Shortage Alarms)
Compact, Plug-in Type
61F-GP-N
Dimensions:
page 14
E1
E2
E4
E5
Contactor
Water supply
source
Stop
Full tank
Start
Water shortage
MCCB
RS
M
T
Commercial Voltage
Water shortage
Pump control
Full tank
P
PS-5S
E3
U3
U3
61F-GP-N
5
6
7
8
4
8 V
Power
supply
Power
supply
Power
supply
0 V
24 V
10
3
9
12
11
Control
circuit
U3
U1
U1
61F-GP-N
5
6
7
8
4
8 V
0 V
24 V
10
3
9
12
11
Control
circuit
U1
U2
U2
61F-GP-N
5
6
7
8
4
8 V
0 V
24 V
10
3
9
12
11
Control
circuit
U2
B
PL
PL
(See note.)
Upper limit
Lower limit
Alarm
Water
tank
Motor protection
relay
Note: The power supply phases (terminals 3 to 9) can be matched to use the same ground for the common Electrode
(the longest Electrode, terminal 4).
Connections
E1
E3
E4
E5
Upper
limit
Lower
limit
Pump OFF
Pump ON
(U1 indicator ON)
(U2 indicator ON)
(U2 indicator OFF)
(U3 indicator OFF)
B
LH
B
LL
P
Water supply
E2
• The pump stops when the water level
reaches E2 (U2 indicator ON) and starts
when the water level drops below E3 (U2
indicator OFF).
• If the water level rises to E1 for any reason,
the upper-limit indicator turns ON and the
alarm sounds (U1 indicator ON).
If the water level drops below E4 for any
reason, the lower-limit indicator turns ON
and the alarm sounds (U3 indicator OFF).
Principles of Operation


Similar Part No. - 61FGPN8D

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
61F MSYSTEM-61F Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K MSYSTEM-61F-041-K Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-K/Q MSYSTEM-61F-041-K/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R MSYSTEM-61F-041-R Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
61F-041-R/Q MSYSTEM-61F-041-R/Q Datasheet
100Kb / 3P
   Field Network Modules 61-UNIT Series
More results

Similar Description - 61FGPN8D

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
   FLOATLESS LEVEL RELAY
logo
Omron Electronics LLC
61F-GP-N OMRON-61F-GP-N Datasheet
520Kb / 15P
   Floatless Level Switch (Compact, Plug-in Type)
8PFA1 OMRON-8PFA1 Datasheet
471Kb / 11P
   Floatless Level Controller (Ultra High-sensitivity Type) 61F-UHS/-HSL
logo
List of Unclassifed Man...
LS-541 ETC2-LS-541 Datasheet
93Kb / 2P
   Liquid level float switch
logo
Magnetrol International...
B40-1F30-R1M MAGNETROL-B40-1F30-R1M Datasheet
293Kb / 8P
   B40 Liquid Level Switch
T10-5104-020 MAGNETROL-T10-5104-020 Datasheet
180Kb / 4P
   T10 Float Level Switch
logo
Analog Technologies, In...
ALLCS500MA45-21 ANALOGTECHNOLOGIES-ALLCS500MA45-21 Datasheet
226Kb / 4P
   Liquid Level Control Switch
3/18/2021
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com