Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE5534 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # NE5534
Description  Low-Noise Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NE5534 Datasheet(HTML) 7 Page - Texas Instruments

Back Button NE5534 Datasheet HTML 3Page - Texas Instruments NE5534 Datasheet HTML 4Page - Texas Instruments NE5534 Datasheet HTML 5Page - Texas Instruments NE5534 Datasheet HTML 6Page - Texas Instruments NE5534 Datasheet HTML 7Page - Texas Instruments NE5534 Datasheet HTML 8Page - Texas Instruments NE5534 Datasheet HTML 9Page - Texas Instruments NE5534 Datasheet HTML 10Page - Texas Instruments NE5534 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
f − Frequency − Hz
VCC± = ±15 V
TA = 25°C
CC = 0 pF
CC = 22 pF
10
10
10
10
10
10
6
5
4
3
2
1
10
100
1 k
10 k
100 k
1 M
10 M 100 M
0.8
0.6
0.5
0.4
0
5
10
1
1.1
1.2
15
20
0.9
0.7
| VCC± | − Supply Voltage − V
TA = 25°C
Unity-Gain
Bandwidth
Slew Rate
1
0.8
0.6
0.4
−75 −50
−25
0
25
50
1.2
1.4
1.6
75
100
125
TA − Free-Air Temperature − °C
VCC± = ±15 V
Offset
Bias
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
30
25
20
15
10
5
0
VCC± = ±15 V
TA = 25°C
CC = 22 pF
CC = 47 pF
CC = 0
NE5534, NE5534A, SA5534, SA5534A
www.ti.com
SLOS070D – JULY 1979 – REVISED NOVEMBER 2014
7.7 Typical Characteristics
Figure 1. Normalized Input Bias Current and Input Offset
Figure 2. Maximum Peak-to-Peak Output Voltage
Current
vs Frequency
vs Free-Air Temperature
Figure 3. Large-Signal Differential Voltage Amplification
Figure 4. Normalized Slew Rate and Unity-Gain Bandwidth
vs Frequency
vs Supply Voltage
Figure 6. Total Harmonic Distortion
Figure 5. Normalized Slew Rate and Unity-Gain Bandwidth
vs Frequency
vs Free-Air Temperature
Copyright © 1979–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: NE5534 NE5534A SA5534 SA5534A


Similar Part No. - NE5534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5534 PHILIPS-NE5534 Datasheet
109Kb / 8P
   Dual and single low noise op amp
August 31, 1994
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
119Kb / 7P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
289Kb / 12P
[Old version datasheet]   LOW OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
More results

Similar Description - NE5534

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com