Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL971 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL971
Description  Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL971 Datasheet(HTML) 1 Page - Texas Instruments

  TL971 Datasheet HTML 1Page - Texas Instruments TL971 Datasheet HTML 2Page - Texas Instruments TL971 Datasheet HTML 3Page - Texas Instruments TL971 Datasheet HTML 4Page - Texas Instruments TL971 Datasheet HTML 5Page - Texas Instruments TL971 Datasheet HTML 6Page - Texas Instruments TL971 Datasheet HTML 7Page - Texas Instruments TL971 Datasheet HTML 8Page - Texas Instruments TL971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
+
RIN
RG
RF
VOUT
VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL971, TL972, TL974
SLOS467H – OCTOBER 2006 – REVISED JANUARY 2015
TL97x Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
1 Features
3 Description
The
TL97x
family
of
single,
dual,
and
quad
1
Rail-to-Rail Output Voltage Swing:
operational amplifiers operates at voltages as low as
±2.4 V at VCC = ±2.5 V
±1.35 V and features output rail-to-rail signal swing.
Very Low Noise Level: 4 nV/
√Hz
The TL97x boast characteristics that make them
Ultra-Low Distortion: 0.003%
particularly well suited for portable and battery-
supplied equipment. Very low noise and low distortion
High Dynamic Features: 12 MHz, 5 V/
μs
characteristics
make
them
ideal
for
audio
Operating Range: 2.7 V to 12 V
preamplification.
Latch-Up Performance Exceeds 100 mA Per
The TL971 is housed in the space-saving 5-pin SOT-
JESD 78, Class II
23 package, which simplifies board design because
ESD Performance Tested Per JESD 22
of the ability to be placed anywhere (outside
2000-V Human-Body Model
dimensions are 2.8 mm × 2.9 mm).
1500-V Charged-Device Model
Device Information(1)
PART NUMBER
PACKAGE (PIN)
BODY SIZE (NOM)
2 Applications
SOIC (8)
4.90 mm × 3.90 mm
Portable Equipment
TL971
SOT-23 (5)
2.80 mm × 2.90 mm
Music Players
MSOP (8)
3.00 mm × 3.00 mm
Tablets
PDIP (8)
9.60 mm × 6.40 mm
TL972
Cell Phones
SOIC (8)
4.90 mm × 3.90 mm
Instrumentation and Sensors
TSSOP (8)
3.00 mm × 4.40 mm
Professional Audio Circuits
PDIP (14)
19.30 mm × 6.40 mm
TL974
SOIC (14)
8.60 mm × 3.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
4 Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TL971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - TL971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS971 STMICROELECTRONICS-TS971_07 Datasheet
473Kb / 17P
   Output rail-to-rail very low noise operational amplifier
TS971 STMICROELECTRONICS-TS971 Datasheet
114Kb / 12P
   OUTPUT RAIL TO RAIL VERY LOWNOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com